Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MN6T/2 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M23LR64-R-MN6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MN6T/2 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M23LR64-R-MN6T/2 Datasheet HTML 22Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 23Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 24Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 25Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 26Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 27Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 28Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 29Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
System memory area
M24LR64-R
26/126
Doc ID 15170 Rev 9
4.5
M24LR64-R I2C password security
The M24LR64-R controls I2C sector write access using the 32-bit-long I2C password and
the 64-bit I2C_Write_Lock bit area. The I2C password value is managed using two I2C
commands: IC Present Password and I2C Write Password.
4.5.1
I2C Present Password command description
The I2C Present Password command is used in I2C mode to present the password to the
M24LR64-R in order to modify the write access rights of all the memory sectors protected by
the I2C_Write_Lock bits, including the password itself. If the presented password is correct,
the access rights remain activated until the M24LR64-R is powered off or until a new I2C
Present Password command is issued.
Following a Start condition, the bus master sends a device select code with the Read/Write
bit (RW) reset to 0 and the Chip Enable bit E2 at 1. The device acknowledges this, as shown
in Figure 8, and waits for two I2C password address bytes 09h and 00h. The device
responds to each address byte with an acknowledge bit, and then waits for the 4 password
data bytes, the validation code, 09h, and a resend of the 4 password data bytes. The most
significant byte of the password is sent first, followed by the least significant bytes.
It is necessary to send the 32-bit password twice to prevent any data corruption during the
sequence. If the two 32-bit passwords sent are not exactly the same, the M24LR64-R does
not start the internal comparison.
When the bus master generates a Stop condition immediately after the Ack bit (during the
“10th bit” time slot), an internal delay equivalent to the write cycle time is triggered. A Stop
condition at any other time does not trigger the internal delay. During that delay, the
M24LR64-R compares the 32 received data bits with the 32 bits of the stored I2C password.
If the values match, the write access rights to all protected sectors are modified after the
internal delay. If the values do not match, the protected sectors remains protected.
During the internal delay, Serial Data (SDA) is disabled internally, and the device does not
respond to any requests.
Table 14.
System parameter sector
RF address
I2C byte address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
-E2 = 1
2304
I2C password (1)
1.
Delivery state: I2C password= 0000 0000h, RF password = 0000 0000h,
1
E2 = 1
2308
RF password 1(1)
2
E2 = 1
2312
RF password 2(1)
3
E2 = 1
2316
RF password 3 (1)
-
E2 = 1
2320
DSFID (FFh)
AFI (00h)
ST reserved
ST reserved
-
E2 = 1
2324
UID
UID
UID
UID
-
E2 = 1
2328
UID (E0h)
UID (02h)
UID
UID
-
E2 = 1
2332
Mem_Size (03 07FFh)
IC Ref (2Ch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com