Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MN6T/2 Datasheet(PDF) 72 Page - STMicroelectronics

Part # M23LR64-R-MN6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MN6T/2 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button M23LR64-R-MN6T/2 Datasheet HTML 68Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 69Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 70Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 71Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 72Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 73Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 74Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 75Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 126 page
background image
Timing definition
M24LR64-R
72/126
Doc ID 15170 Rev 9
25
Timing definition
25.1
t1: M24LR64-R response delay
Upon detection of the rising edge of the EOF received from the VCD, the M24LR64-R waits
for a time t1nom before transmitting its response to a VCD request or before switching to the
next slot during an inventory process. Values of t1 are given in Table 32. The EOF is defined
in Figure 22 on page 45.
25.2
t2: VCD new request delay
t2 is the time after which the VCD may send an EOF to switch to the next slot when one or
more M24LR64-R responses have been received during an Inventory command. It starts
from the reception of the EOF from the M24LR64-Rs.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the
modulation index used for transmitting the VCD request to the M24LR64-R.
t2 is also the time after which the VCD may send a new request to the M24LR64-R as
described in Table 48: M24LR64-R protocol timing.
Values of t2 are given in Table 32.
25.3
t3: VCD new request delay in the absence of a response from
the M24LR64-R
t3 is the time after which the VCD may send an EOF to switch to the next slot when no
M24LR64-R response has been received.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the
modulation index used for transmitting the VCD request to the M24LR64-R.
From the time the VCD has generated the rising edge of an EOF:
●
If this EOF is 100% modulated, the VCD waits a time at least equal to t3min before
sending a new EOF.
●
If this EOF is 10% modulated, the VCD waits a time at least equal to the sum of t3min +
the M24LR64-R nominal response time (which depends on the M24LR64-R data rate
and subcarrier modulation mode) before sending a new EOF.
Table 32.
Timing values(1)
1.
The tolerance of specific timings is ± 32/fC.
Minimum (min) values
Nominal (nom) values
Maximum (max) values
t1
318.6 µs
320.9 µs
323.3 µs
t2
309.2 µs
No tnom
No tmax
t3
t1max
(2) + t
SOF
(3)
2.
t1max does not apply for write alike requests. Timing conditions for write alike requests are defined in the
command description.
3.
tSOF is the time taken by the M24LR64-R to transmit an SOF to the VCD. tSOF depends on the current data
rate: High data rate or Low data rate.
No tnom
No tmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com