Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MN6T/2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M23LR64-R-MN6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MN6T/2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M23LR64-R-MN6T/2 Datasheet HTML 14Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 15Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 16Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 17Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 18Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 19Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 20Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 21Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 126 page
background image
User memory organization
M24LR64-R
18/126
Doc ID 15170 Rev 9
Figure 7.
Memory sector organization
Sector details
The M24LR64-R user memory is divided into 64 sectors. Each sector contains 1024 bits.
The protection scheme is described in Section 4: System memory area.
In RF mode, a sector provides 32 blocks of 32 bits. Each read and write access are done by
block. Read and write block accesses are controlled by a Sector Security Status byte that
defines the access rights to all the 32 blocks contained in the sector. If the sector is not
protected, a Write command updates the complete 32 bits of the selected block.
In I2C mode, a sector provides 128 bytes that can be individually accessed in read and write
modes. When protected by the corresponding I2C_Write_Lock bit, the entire sector is write-
protected. To access the user memory, the device select code used for any I2C command
must have the E2 Chip Enable address at 0.
0
1 Kbit EEPROM sector
5 bits
1
1 Kbit EEPROM sector
5 bits
2
1 Kbit EEPROM sector
5 bits
3
1 Kbit EEPROM sector
5 bits
60
1 Kbit EEPROM sector
5 bits
61
1 Kbit EEPROM sector
5 bits
62
1 Kbit EEPROM sector
5 bits
63
1 Kbit EEPROM sector
5 bits
I2C Password
System
RF Password 1
System
RF Password 2
System
RF Password 3
System
8 bit DSFID
System
8 bit AFI
System
64 bit UID
System
Sector
Area
Sector security
status
ai15124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com