Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MN6T/2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M23LR64-R-MN6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MN6T/2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M23LR64-R-MN6T/2 Datasheet HTML 18Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 19Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 20Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 21Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 22Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 23Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 24Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 25Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 126 page
background image
System memory area
M24LR64-R
22/126
Doc ID 15170 Rev 9
4
System memory area
4.1
M24LR64-R RF block security
The M24LR64-R provides a special protection mechanism based on passwords. Each
memory sector of the M24LR64-R can be individually protected by one out of three available
passwords, and each sector can also have Read/Write access conditions set.
Each memory sector of the M24LR64-R is assigned with a Sector security status byte
including a Sector Lock bit, two Password Control bits and two Read/Write protection bits as
shown in Table 7. Table 6 describes the organization of the Sector security status byte which
can be read using the Read Single Block and Read Multiple Block commands with the
Option_flag set to ‘1’.
On delivery, the default value of the SSS bytes is reset to 00h.
When the Sector Lock bit is set to ‘1’, for instance by issuing a Lock-sector Password
command, the 2 Read/Write protection bits (b1, b2) are used to set the Read/Write access of
the sector as described in Table 8.
Table 6.
Sector Security Status Byte area
RF address
I2C byte address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]
0
E2 = 1
0
SSS 3
SSS 2
SSS 1
SSS 0
128
E2 = 1
4
SSS 7
SSS 6
SSS 5
SSS 4
256
E2 = 1
8
SSS 11
SSS 10
SSS 9
SSS 8
384
E2 = 1
12
SSS 15
SSS 14
SSS 13
SSS 12
512
E2 = 1
16
SSS 19
SSS 18
SSS 17
SSS 16
640
E2 = 1
20
SSS 23
SSS 22
SSS 21
SSS 20
768
E2 = 1
24
SSS 27
SSS 26
SSS 25
SSS 24
896
E2 = 1
28
SSS 31
SSS 30
SSS 29
SSS 28
1024
E2 = 1
32
SSS 35
SSS 34
SSS 33
SSS 32
1152
E2 = 1
36
SSS 39
SSS 38
SSS 37
SSS 36
1280
E2 = 1
40
SSS 43
SSS 42
SSS 41
SSS 40
1408
E2 = 1
44
SSS 47
SSS 46
SSS 45
SSS 44
1536
E2 = 1
48
SSS 51
SSS 50
SSS 49
SSS 48
1664
E2 = 1
52
SSS 55
SSS 54
SSS 53
SSS 52
1792
E2 = 1
56
SSS 59
SSS 58
SSS 57
SSS 56
1920
E2 = 1
60
SSS 63
SSS 62
SSS 61
SSS 60
Table 7.
Sector security status byte organization
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
Password Control bits
Read / Write protection
bits
Sector
Lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com