Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MN6T/2 Datasheet(PDF) 96 Page - STMicroelectronics

Part # M23LR64-R-MN6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MN6T/2 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button M23LR64-R-MN6T/2 Datasheet HTML 92Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 93Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 94Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 95Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 96Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 97Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 98Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 99Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 126 page
background image
Commands codes
M24LR64-R
96/126
Doc ID 15170 Rev 9
26.14
Write-sector Password
On receiving the Write-sector Password command, the M24LR64-R uses the data
contained in the request to write the password and reports whether the operation was
successful in the response. The Option_flag is supported.
During the RF write cycle time, Wt, there must be no modulation at all (neither 100% nor
10%). Otherwise, the M24LR64-R may not correctly program the data into the memory. The
Wt time is equal to t1nom + 18 × 302 µs. After a successful write, the new value of the
selected password is automatically activated. It is not required to present the new password
value until M24LR64-R power-down.
Request parameter:
●
UID (optional)
●
Password number (01h = Pswd1, 02h = Pswd2, 03h = Pswd3, other = Error)
●
Data
Response parameter:
●
32-bit password value. The response is sent back after the write cycle.
Response parameter:
●
Error code as Error_flag is set:
–
02h: the command is not recognized, for example: a format error occurred
–
03h: the option is not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
–
12h: the specified block is locked and its contents cannot be changed.
–
13h: the specified block was not successfully programmed
Table 73.
Write-sector Password request format
Request
SOF
Request
_flags
Write-
sector
Password
IC Mfg
code
UID(1)
1.
Gray means that the field is optional.
Password
number
Data
CRC16
Request
EOF
8 bits
B1h
02h
64 bits
8 bits
32 bits
16 bits
Table 74.
Write-sector Password response format when Error_flag is NOT set
Response
SOF
Response_flags
CRC16
Response
EOF
8 bits
16 bits
Table 75.
Write-sector Password response format when Error_flag is set
Response
SOF
Response_
flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com