Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-MN6T/2 Datasheet(PDF) 104 Page - STMicroelectronics

Part # M23LR64-R-MN6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MN6T/2 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button M23LR64-R-MN6T/2 Datasheet HTML 100Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 101Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 102Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 103Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 104Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 105Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 106Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 107Page - STMicroelectronics M23LR64-R-MN6T/2 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 126 page
background image
Commands codes
M24LR64-R
104/126
Doc ID 15170 Rev 9
26.18
Fast Inventory Initiated
Before receiving the Fast Inventory Initiated command, the M24LR64-R must have received
an Initiate or a Fast Initiate command in order to set the Initiate_ flag. If not, the M24LR64-R
does not answer to the Fast Inventory Initiated command.
On receiving the Fast Inventory Initiated request, the M24LR64-R runs the anticollision
sequence. The Inventory_flag must be set to 1. The meaning of flags 5 to 8 is shown in
Table 26: Request flags 5 to 8 when Bit 3 = 1. The data rate of the response is multiplied by
2.
The request contains:
●
the flags,
●
the Inventory command code
●
the AFI if the AFI flag is set
●
the mask length
●
the mask value
●
the CRC
The M24LR64-R does not generate any answer in case of error.
The Response contains:
●
the flags
●
the Unique ID
During an Inventory process, if the VCD does not receive an RF M24LR64-R response, it
waits a time t3 before sending an EOF to switch to the next slot. t3 starts from the rising edge
of the request EOF sent by the VCD.
●
If the VCD sends a 100% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3µs) + tSOF
●
If the VCD sends a 10% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3µs) + tNRT
where:
●
tSOF is the time required by the M24LR64-R to transmit an SOF to the VCD
●
tNRT is the nominal response time of the M24LR64-R
Table 87.
Fast Inventory Initiated request format
Request
SOF
Request
_flags
Fast
Inventory
Initiated
IC Mfg
code
Optional
AFI
Mask
length
Mask value
CRC16
Request
EOF
8 bits
C1h
02h
8 bits
8 bits
0 - 64 bits
16 bits
Table 88.
Fast Inventory Initiated response format
Response
SOF
Response
_flags
DSFID
UID
CRC16
Response
EOF
8 bits
8 bits
64 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com