Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3B Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM8S207MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3B Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM8S207MBT3B Datasheet HTML 55Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 56Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 57Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 58Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 59Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 60Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 61Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 62Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
STM8S207xx, STM8S208xx
Electrical characteristics
Doc ID 14733 Rev 9
59/103
Table 21.
Total current consumption with code execution in run mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(RUN)
Supply
current in
run mode,
code
executed
from RAM
fCPU = fMASTER = 24 MHz,
TA ≤ 105 °C
HSE crystal osc. (24 MHz)
4.0
mA
HSE user ext. clock (24 MHz)
3.7
7.3
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
2.9
HSE user ext. clock (16 MHz)
2.7
5.8
HSI RC osc. (16 MHz)
2.5
3.4
fCPU = fMASTER/128 = 125 kHz
HSE user ext. clock (16 MHz)
1.2
4.1
HSI RC osc. (16 MHz)
1.0
1.3
fCPU = fMASTER/128 = 15.625
kHz
HSI RC osc. (16MHz/8)
0.55
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.45
Supply
current in
run mode,
code
executed
from Flash
fCPU = fMASTER = 24 MHz,
TA ≤ 105 °C
HSE crystal osc. (24 MHz)
11.0
HSE user ext. clock (24 MHz)
10.8
18.0
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
8.4
HSE user ext. clock (16 MHz)
8.2
15.2
HSI RC osc. (16 MHz)
8.1
13.2
fCPU = fMASTER = 2 MHz.
HSI RC osc. (16 MHz/8)(2)
1.5
fCPU = fMASTER/128 = 125 kHz
HSI RC osc. (16 MHz)
1.1
fCPU = fMASTER/128 = 15.625
kHz
HSI RC osc. (16 MHz/8)
0.6
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.55
1.
Data based on characterization results, not tested in production.
2.
Default clock configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com