Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3B Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM8S207MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3B Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM8S207MBT3B Datasheet HTML 58Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 59Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 60Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 61Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 62Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 63Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 64Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 65Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 103 page
background image
Electrical characteristics
STM8S207xx, STM8S208xx
62/103
Doc ID 14733 Rev 9
Total current consumption in halt mode
Low power mode wakeup times
Table 26.
Total current consumption in halt mode at VDD = 5 V, TA -40 to 85° C
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(H)
Supply current in halt mode
Flash in operating mode, HSI
clock after wakeup
63.5
µA
Flash in powerdown mode, HSI
clock after wakeup
6.5
35
Table 27.
Total current consumption in halt mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Unit
IDD(H)
Supply current in halt mode
Flash in operating mode, HSI clock after
wakeup
61.5
µA
Flash in powerdown mode, HSI clock after
wakeup
4.5
Table 28.
Wakeup times
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
tWU(WFI)
Wakeup time from wait
mode to run mode(3)
See
note(2)
µs
fCPU = fMASTER = 16 MHz.
0.56
tWU(AH)
Wakeup time active halt
mode to run mode.(3)
MVR voltage
regulator on(4)
Flash in operating
mode(5)
HSI (after
wakeup)
1(6)
2(6)
Flash in
powerdown
mode(5)
3(6)
MVR voltage
regulator off(4)
Flash in operating
mode(5)
48(6)
Flash in
powerdown
mode(5)
50(6)
tWU(H)
Wakeup time from halt
mode to run mode(3)
Flash in operating mode(5)
52
Flash in powerdown mode(5)
54
1.
Data guaranteed by design, not tested in production.
2.
tWU(WFI) = 2 x 1/fmaster + 7 x 1/fCPU
3.
Measured from interrupt event to interrupt vector fetch.
4.
Configured by the REGAH bit in the CLK_ICKR register.
5.
Configured by the AHALT bit in the FLASH_CR1 register.
6.
Plus 1 LSI clock depending on synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com