Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3B Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM8S207MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3B Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM8S207MBT3B Datasheet HTML 93Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 94Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 95Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 96Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 97Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 98Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 99Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 100Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 103 page
background image
STM8S207xx, STM8S208xx
Package characteristics
Doc ID 14733 Rev 9
97/103
11.2.2
Selecting the product temperature range
When ordering the microcontroller, the temperature range is specified in the order code (see
Figure 49: STM8S207xx/208xx performance line ordering information scheme(1) on
page 100).
The following example shows how to calculate the temperature range needed for a given
application.
Assuming the following application conditions:
●
Maximum ambient temperature TAmax= 82 °C (measured according to JESD51-2)
●
IDDmax = 15 mA, VDD = 5.5 V
●
Maximum eight standard I/Os used at the same time in output at low level with IOL = 10
mA, VOL= 2 V
●
Maximum four high sink I/Os used at the same time in output at low level with IOL = 20
mA, VOL= 1.5 V
●
Maximum two true open drain I/Os used at the same time in output at low level with
IOL = 20 mA, VOL= 2 V
PINTmax = 15 mA x 5.5 V = 82.5 mW
PIOmax = (10 mA x 2 V x 8 ) + (20 mA x 2 V x 2) + (20 mA x 1.5 V x 4) = 360 mW
This gives: PINTmax = 82.5 mW and PIOmax 360 mW:
PDmax = 82.5 mW + 360 mW
Thus: PDmax = 443 mW
Using the values obtained in Table 57: Thermal characteristics on page 96 TJmax is
calculated as follows for LQFP64 10 x 10 mm = 46 °C/W:
TJmax = 82 °C + (46 °C/W x 443 mW) = 82 °C + 20 °C = 102 °C
This is within the range of the suffix 6 version parts (-40 < TJ < 105 °C).
In this case, parts must be ordered at least with the temperature range suffix 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com