Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3B Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM8S207MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3B Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM8S207MBT3B Datasheet HTML 42Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 43Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 44Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 45Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 46Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 47Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 48Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 49Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 103 page
background image
Interrupt vector mapping
STM8S207xx, STM8S208xx
46/103
Doc ID 14733 Rev 9
7
Interrupt vector mapping
Table 11.
Interrupt mapping
IRQ
no.
Source
block
Description
Wakeup from
halt mode
Wakeup from
active-halt mode
Vector address
RESET
Reset
Yes
Yes
0x00 8000
TRAP
Software interrupt
-
-
0x00 8004
0
TLI
External top level interrupt
-
-
0x00 8008
1
AWU
Auto wake up from halt
-
Yes
0x00 800C
2
CLK
Clock controller
-
-
0x00 8010
3
EXTI0
Port A external interrupts
Yes(1)
Yes(1)
0x00 8014
4
EXTI1
Port B external interrupts
Yes
Yes
0x00 8018
5
EXTI2
Port C external interrupts
Yes
Yes
0x00 801C
6
EXTI3
Port D external interrupts
Yes
Yes
0x00 8020
7
EXTI4
Port E external interrupts
Yes
Yes
0x00 8024
8
beCAN
beCAN RX interrupt
Yes
Yes
0x00 8028
9
beCAN
beCAN TX/ER/SC interrupt
-
-
0x00 802C
10
SPI
End of transfer
Yes
Yes
0x00 8030
11
TIM1
TIM1 update/overflow/underflow/
trigger/break
-
-
0x00 8034
12
TIM1
TIM1 capture/compare
-
-
0x00 8038
13
TIM2
TIM2 update /overflow
-
-
0x00 803C
14
TIM2
TIM2 capture/compare
-
-
0x00 8040
15
TIM3
Update/overflow
-
-
0x00 8044
16
TIM3
Capture/compare
-
-
0x00 8048
17
UART1
Tx complete
-
-
0x00 804C
18
UART1
Receive register DATA FULL
-
-
0x00 8050
19
I2CI2C interrupt
Yes
Yes
0x00 8054
20
UART3
Tx complete
-
-
0x00 8058
21
UART3
Receive register DATA FULL
-
-
0x00 805C
22
ADC2
ADC2 end of conversion
-
-
0x00 8060
23
TIM4
TIM4 update/overflow
-
-
0x00 8064
24
Flash
EOP/WR_PG_DIS
-
-
0x00 8068
Reserved
0x00 806C to
0x00 807C
1.
Except PA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com