Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3B Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM8S207MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3B Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM8S207MBT3B Datasheet HTML 63Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 64Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 65Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 66Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 67Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 68Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 69Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 70Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
STM8S207xx, STM8S208xx
Electrical characteristics
Doc ID 14733 Rev 9
67/103
10.3.4
Internal clock sources and timing characteristics
Subject to general operating conditions for VDD and TA. fHSE
High speed internal RC oscillator (HSI)
Figure 18.
Typical HSI frequency variation vs VDD at 4 temperatures
Table 33.
HSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
16
MHz
ACCHSI
Accuracy of HSI oscillator
Trimmed by the
CLK_HSITRIMR register
for given VDD and TA
conditions
-1(1)
1.
Guaranteeed by design, not tested in production.
1(1)
%
Accuracy of HSI oscillator
(factory calibrated)
VDD = 5 V, TA = 25 °C
-1.5
1.5
VDD = 5 V,
25 °C
≤ TA ≤ 85 °C
-2.2
2.2
2.95 V
≤ VDD ≤ 5.5 V,
-40 °C
≤ TA ≤ 125 °C
-3(2)
2.
Data based on characterization results, not tested in production
3(2)
tsu(HSI)
HSI oscillator wakeup
time including calibration
1(1)
µs
IDD(HSI)
HSI oscillator power
consumption
170
250(2)
µA
-3%
-2%
-1%
0%
1%
2%
3%
2.5
3
3.5
4
4.5
5
5.5
6
-40˚C
25˚C
85˚C
125˚C
ai15067
V
DD
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com