Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3B Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM8S207MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3B Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM8S207MBT3B Datasheet HTML 59Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 60Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 61Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 62Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 63Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 64Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 65Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 66Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 103 page
background image
STM8S207xx, STM8S208xx
Electrical characteristics
Doc ID 14733 Rev 9
63/103
Total current consumption and timing in forced reset state
Current consumption of on-chip peripherals
Subject to general operating conditions for VDD and TA.
HSI internal RC/fCPU = fMASTER = 16 MHz.
Table 29.
Total current consumption and timing in forced reset state
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(R)
Supply current in reset state
VDD = 5 V
1.6
mA
VDD = 3.3 V
0.8
tRESETBL
Reset release to bootloader vector
fetch
150
µs
1.
Data guaranteed by design, not tested in production.
Table 30.
Peripheral current consumption
Symbol
Parameter
Typ.
Unit
IDD(TIM1)
TIM1 supply current (1)
1.
Data based on a differential IDD measurement between reset configuration and timer counter running at
16 MHz. No IC/OC programmed (no I/O pads toggling). Not tested in production.
220
µA
IDD(TIM2)
TIM2 supply current (1)
120
IDD(TIM3)
TIM3 timer supply current (1)
100
IDD(TIM4)
TIM4 timer supply current (1)
25
IDD(UART1)
UART1 supply current (2)
2.
Data based on a differential IDD measurement between the on-chip peripheral when kept under reset and
not clocked and the on-chip peripheral when clocked and not kept under reset. No I/O pads toggling. Not
tested in production.
90
IDD(UART3)
UART3 supply current (2)
110
IDD(SPI)
SPI supply current (2)
40
IDD(I
2
C)
I2C supply current (2)
50
IDD(CAN)
beCAN supply current (2)
210
IDD(ADC2)
ADC2 supply current when converting (3)
3.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions. Not tested in production.
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com