Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3B Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8S207MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3B Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8S207MBT3B Datasheet HTML 34Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 35Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 36Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 37Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 38Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 39Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 40Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 41Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
Memory and register map
STM8S207xx, STM8S208xx
38/103
Doc ID 14733 Rev 9
00 5200h
SPI
SPI_CR1
SPI control register 1
0x00
00 5201h
SPI_CR2
SPI control register 2
0x00
00 5202h
SPI_ICR
SPI interrupt control register
0x00
00 5203h
SPI_SR
SPI status register
0x02
00 5204h
SPI_DR
SPI data register
0x00
00 5205h
SPI_CRCPR
SPI CRC polynomial register
0x07
00 5206h
SPI_RXCRCR
SPI Rx CRC register
0xFF
00 5207h
SPI_TXCRCR
SPI Tx CRC register
0xFF
00 5208h to
00 520Fh
Reserved area (8 bytes)
00 5210h
I2C
I2C_CR1
I2C control register 1
0x00
00 5211h
I2C_CR2
I2C control register 2
0x00
00 5212h
I2C_FREQR
I2C frequency register
0x00
00 5213h
I2C_OARL
I2C own address register low
0x00
00 5214h
I2C_OARH
I2C own address register high
0x00
00 5215h
Reserved
00 5216h
I2C_DR
I2C data register
0x00
00 5217h
I2C_SR1
I2C status register 1
0x00
00 5218h
I2C_SR2
I2C status register 2
0x00
00 5219h
I2C_SR3
I2C status register 3
0x00
00 521Ah
I2C_ITR
I2C interrupt control register
0x00
00 521Bh
I2C_CCRL
I2C clock control register low
0x00
00 521Ch
I2C_CCRH
I2C clock control register high
0x00
00 521Dh
I2C_TRISER
I2C TRISE register
0x02
00 521Eh
I2C_PECR
I2C packet error checking register
0x00
00 521Fh to
00 522Fh
Reserved area (17 bytes)
Table 9.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com