Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3B Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM8S207MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3B Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM8S207MBT3B Datasheet HTML 62Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 63Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 64Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 65Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 66Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 67Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 68Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 69Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 103 page
background image
Electrical characteristics
STM8S207xx, STM8S208xx
66/103
Doc ID 14733 Rev 9
Figure 17.
HSE oscillator circuit diagram
HSE oscillator critical gm formula
Rm: Notional resistance (see crystal specification)
Lm: Notional inductance (see crystal specification)
Cm: Notional capacitance (see crystal specification)
Co: Shunt capacitance (see crystal specification)
CL1=CL2=C: Grounded external capacitance
gm >> gmcrit
Table 32.
HSE oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE
External high speed oscillator
frequency
124
MHz
RF
Feedback resistor
220
k
Ω
C(1)
Recommended load capacitance (2)
20
pF
IDD(HSE)
HSE oscillator power consumption
C = 20 pF,
fOSC = 24 MHz
6 (startup)
2 (stabilized)(3)
mA
C = 10 pF,
fOSC = 24 MHz
6 (startup)
1.5 (stabilized)(3)
gm
Oscillator transconductance
5
mA/V
tSU(HSE)
(4) Startup time
VDD is stabilized
1
ms
1.
C is approximately equivalent to 2 x crystal Cload.
2.
The oscillator selection can be optimized in terms of supply current using a high quality resonator with small Rm value.
Refer to crystal manufacturer for more details
3.
Data based on characterization results, not tested in production.
4.
tSU(HSE) is the start-up time measured from the moment it is enabled (by software) to a stabilized 24 MHz oscillation is
reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer.
OSCOUT
OSCIN
fHSE to core
CL1
CL2
RF
STM8
Resonator
Consumption
control
gm
Rm
Cm
Lm
CO
Resonator
g
mcrit
2
Π
×
f
HSE
×
()2 R
m
×
2Co
C
+
()
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com