Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16IS752IPW Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 19Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 20Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 21Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 22Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 23Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 24Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 25Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 26Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
23 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
[1]
IER[7:4] can only be modified if EFR[4] is set, that is, EFR[4] is a write enable. Re-enabling IER[1] will not
cause a new interrupt if the THR is below the threshold.
8.4 FIFO Control Register (FCR)
This is a write-only register that is used for enabling the FIFOs, clearing the FIFOs, setting
transmitter and receiver trigger levels. Table 12 shows FIFO Control Register bit settings.
[1]
FIFO reset logic requires at least two XTAL1 clocks, therefore, they cannot be reset without the presence of
the XTAL1 clock.
1
IER[1]
Transmit Holding Register interrupt.
logic 0 = disable the THR interrupt (normal default condition)
logic 1 = enable the THR interrupt
0
IER[0]
Receive Holding Register interrupt.
logic 0 = disable the RHR interrupt (normal default condition)
logic 1 = enable the RHR interrupt
Table 11.
Interrupt Enable Register bits description …continued
Bit
Symbol
Description
Table 12.
FIFO Control Register bits description
Bit
Symbol
Description
7:6
FCR[7] (MSB),
FCR[6] (LSB)
RX trigger. Sets the trigger level for the RX FIFO.
00 = 8 characters
01 = 16 characters
10 = 56 characters
11 = 60 characters
5:4
FCR[5] (MSB),
FCR[4] (LSB)
TX trigger. Sets the trigger level for the TX FIFO.
00 = 8 spaces
01 = 16 spaces
10 = 32 spaces
11 = 56 spaces
FCR[5:4] can only be modified and enabled when EFR[4] is set. This is
because the transmit trigger level is regarded as an enhanced function.
3
FCR[3]
reserved
2
FCR[2][1]
Reset TX FIFO.
logic 0 = no FIFO transmit reset (normal default condition)
logic 1 = clears the contents of the transmit FIFO and resets the FIFO
level logic (the Transmit Shift Register is not cleared or altered). This
bit will return to a logic 0 after clearing the FIFO.
1
FCR[1][1]
Reset RX FIFO
logic 0 = no FIFO receive reset (normal default condition)
logic 1 = clears the contents of the receive FIFO and resets the FIFO
level logic (the Receive Shift Register is not cleared or altered). This
bit will return to a logic 0 after clearing the FIFO.
0
FCR[0]
FIFO enable
logic 0 = disable the transmit and receive FIFO (normal default
condition)
logic 1 = enable the transmit and receive FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com