Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16IS752IPW Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 29Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 30Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 31Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 32Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 33Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 34Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 35Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 36Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
33 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
8.21 Enhanced Features Register (EFR)
This 8-bit register enables or disables the enhanced features of the UART. Table 31 shows
the Enhanced Features Register bit settings.
9.
RS-485 features
9.1 Auto RS-485 RTS control
Normally the RTS pin is controlled by MCR bit 1, or if hardware flow control is enabled, the
logic state of the RTS pin is controlled by the hardware flow control circuitry. EFCR
register bit 4 will take the precedence over the other two modes; once this bit is set, the
transmitter will control the state of the RTS pin. The transmitter automatically asserts the
RTS pin (logic 0) once the host writes data to the transmit FIFO, and deasserts RTS pin
(logic 1) once the last bit of the data has been transmitted.
To use the auto RS-485 RTS mode the software would have to disable the hardware flow
control function.
9.2 RS-485 RTS output inversion
EFCR bit 5 reverses the polarity of the RTS pin if the UART is in auto RS-485 RTS mode.
When the transmitter has data to be sent it deasserts the RTS pin (logic 1), and when the
last bit of the data has been sent out the transmitter asserts the RTS pin (logic 0).
Table 31.
Enhanced Features Register bits description
Bit
Symbol
Description
7
EFR[7]
CTS flow control enable.
logic 0 = CTS flow control is disabled (normal default condition)
logic 1 = CTS flow control is enabled. Transmission will stop when a
HIGH signal is detected on the CTS pin.
6
EFR[6]
RTS flow control enable.
logic 0 = RTS flow control is disabled (normal default condition)
logic 1 = RTS flow control is enabled. The RTS pin goes HIGH when
the receiver FIFO halt trigger level TCR[3:0] is reached, and goes
LOW when the receiver FIFO resume transmission trigger level
TCR[7:4] is reached.
5
EFR[5]
Special character detect.
logic 0 = special character detect disabled (normal default condition)
logic 1 = special character detect enabled. Received data is compared
with Xoff2 data. If a match occurs, the received data is transferred to
FIFO and IIR[4] is set to a logical 1 to indicate a special character has
been detected.
4
EFR[4]
Enhanced functions enable bit.
logic 0 = disables enhanced functions and writing to IER[7:4],
FCR[5:4], MCR[7:5].
logic 1 = enables the enhanced function IER[7:4], FCR[5:4], and
MCR[7:5] so that they can be modified.
3:0
EFR[3:0]
Combinations of software flow control can be selected by programming
these bits. See Table 3 “Software flow control options (EFR[3:0])”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com