Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16IS752IPW Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 21Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 22Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 23Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 24Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 25Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 26Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 27Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 28Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
25 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
5
LCR[5]
Set parity. LCR[5] selects the forced parity format (if LCR[3] = logic 1).
logic 0 = parity is not forced (normal default condition).
LCR[5] = logic 1 and LCR[4] = logic 0: parity bit is forced to a logical 1
for the transmit and receive data.
LCR[5] = logic 1 and LCR[4] = logic 1: parity bit is forced to a logical 0
for the transmit and receive data.
4
LCR[4]
Parity type select.
logic 0 = odd parity is generated (if LCR[3] = logic 1)
logic 1 = even parity is generated (if LCR[3] = logic 1)
3
LCR[3]
Parity enable.
logic 0 = no parity (normal default condition)
logic 1 = a parity bit is generated during transmission and the receiver
checks for received parity
2
LCR[2]
Number of Stop bits. Specifies the number of stop bits.
0 to 1 stop bit (word length = 5, 6, 7, 8)
1 to 1.5 stop bits (word length = 5)
1 = 2 stop bits (word length = 6, 7, 8)
1:0
LCR[1:0]
Word length bits 1, 0. These two bits specify the word length to be
transmitted or received (see Table 18).
Table 16.
LCR[5] parity selection
LCR[5]
LCR[4]
LCR[3]
Parity selection
X
X
0
no parity
0
0
1
odd parity
0
1
1
even parity
1
0
1
forced parity ‘1’
1
1
1
forced parity ‘0’
Table 17.
LCR[2] stop bit length
LCR[2]
Word length (bits)
Stop bit length (bit times)
0
5, 6, 7, 8
1
15
11
⁄2
1
6, 7, 8
2
Table 18.
LCR[1:0] word length
LCR[1]
LCR[0]
Word length (bits)
005
016
107
118
Table 15.
Line Control Register bits description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com