Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16IS752IPW Datasheet(PDF) 57 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 51Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 52Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 53Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 54Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 55Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 56Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 57Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 58Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 59Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
57 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
19. Revision history
Table 43.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SC16IS752_SC16IS762_7
20080519
Product data sheet
-
SC16IS752_SC16IS762_6
Modifications:
• Table 1 “Ordering information”: HVQFN32 package version changed from “SOT617-3” to
“SOT617-1”
• Figure 3 “Pin configuration for HVQFN32”: adjusted size of exposed center pad
• Figure 20 “SPI operation”: updated; added Figure note [1] and Figure note [2]
• Table 37 “I2C-bus timing specifications[1]”:
– added specification tw(rst)
– updated Table note [1]
• Figure 21 “SCL delay after reset” updated; added timing tw(rst)
• Table 39 “SPI-bus timing specifications”:
– added specification tw(rst)
– tCSH(min) changed from “20 ns” to “5 ns” (for both 2.5 V and 3.3 V VDD voltages)
• Figure 30 “Detailed SPI-bus timing” updated; adjusted timing tCSH
• Figure 38: changed package outline from “SOT617-3” to “SOT617-1”
• updated SMD package soldering information
SC16IS752_SC16IS762_6
20061219
Product data sheet
-
SC16IS752_SC16IS762_5
SC16IS752_SC16IS762_5
20061128
Product data sheet
-
SC16IS752_SC16IS762_4
SC16IS752_SC16IS762_4
20061013
Product data sheet
-
SC16IS752_SC16IS762_3
SC16IS752_SC16IS762_3
20060707
Product data sheet
-
SC16IS752_SC16IS762_2
SC16IS752_SC16IS762_2
20060330
Product data sheet
-
SC16IS752_SC16IS762_1
SC16IS752_SC16IS762_1
(9397 750 14333)
20060104
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com