Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16IS752IPW Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 24Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 25Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 26Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 27Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 28Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 29Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 30Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 31Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
28 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
8.9 Modem Status Register (MSR)
This 8-bit register provides information about the current state of the control lines from the
modem, data set, or peripheral device to the host. It also indicates when a control input
from the modem changes state. Table 21 shows Modem Status Register bit settings per
channel.
Remark: The primary inputs RI, CD, CTS, DSR are all active LOW.
8.10 Scratchpad Register (SPR)
The SC16IS752/SC16IS762 provides a temporary data register to store 8 bits of user
information.
Table 21.
Modem Status Register bits description
Bit
Symbol
Description
7
MSR[7]
CD (active HIGH, logical 1). If GPIO6 or GPIO2 is selected as CD
modem pin through IOControl register bit 1 or bit 2, the state of CD pin
can be read from this bit. This bit is the complement of the CD input.
Reading IOState bit 6 or bit 2 does not reflect the true state of CD pin.
6
MSR[6]
RI (active HIGH, logical 1). If GPIO7 or GPIO3 is selected as RI modem
pin through IOControl register bit 1 or bit 2, the state of RI pin can be
read from this bit. This bit is the complement of the RI input. Reading
IOState bit 7 or bit 3 does not reflect the true state of RI pin.
5
MSR[5]
DSR (active HIGH, logical 1). If GPIO4 or GPIO0 is selected as DSR
modem pin through IOControl register bit 1 or bit 2, the state of DSR pin
can be read from this bit. This bit is the complement of the DSR input.
Reading IOState bit 4 or bit 0 does not reflect the true state of DSR pin.
4
MSR[4]
CTS (active HIGH, logical 1). This bit is the complement of the CTS
input.
3
MSR[3]
∆CD. Indicates that CD input has changed state. Cleared on a read.
2
MSR[2]
∆RI. Indicates that RI input has changed state from LOW to HIGH.
Cleared on a read.
1
MSR[1]
∆DSR. Indicates that DSR input has changed state. Cleared on a read.
0
MSR[0]
∆CTS. Indicates that CTS input has changed state. Cleared on a read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com