Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16IS752IPW Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 26Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 27Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 28Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 29Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 30Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 31Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 32Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 33Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
30 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
8.13 Transmitter FIFO Level register (TXLVL)
This register is a read-only register. It reports the number of spaces available in the
transmit FIFO.
8.14 Receiver FIFO Level register (RXLVL)
This register is a read-only register, it reports the fill level of the receive FIFO, that is, the
number of characters in the RX FIFO.
8.15 Programmable I/O pins Direction register (IODir)
This register is used to program the I/O pins direction. Bit 0 to bit 7 controls GPIO0 to
GPIO7.
8.16 Programmable I/O pins State register (IOState)
When ‘read’, this register returns the actual state of all I/O pins. When ‘write’, each
register bit will be transferred to the corresponding I/O pin programmed as output.
Table 24.
Transmitter FIFO Level register bits description
Bit
Symbol
Description
7
-
not used; set to zeros
6:0
TXLVL[6:0]
number of spaces available in TX FIFO, from 0 (0x00) to 64 (0x40)
Table 25.
Receiver FIFO Level register bits description
Bit
Symbol
Description
7
-
not used; set to zeros
6:0
RXLVL[6:0]
number of characters stored in RX FIFO, from 0 (0x00) to 64 (0x40)
Table 26.
IODir register bits description
Bit
Symbol
Description
7:0
IODir
Set GPIO pins [7:0] to input or output.
0 = input
1 = output
Table 27.
IOState register bits description
Bit
Symbol
Description
7:0
IOState
Write this register: set the logic level on the output pins
0 = set output pin to zero
1 = set output pin to one
Read this register: return states of all pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com