Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16IS752IPW Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 23Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 24Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 25Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 26Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 27Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 28Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 29Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 30Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
27 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
8.8 Line Status Register (LSR)
Table 20 shows the Line Status Register bit settings.
When the LSR is read, LSR[4:2] reflect the error bits (BI, FE, PE) of the character at the
top of the RX FIFO (next character to be read). Therefore, errors in a character are
identified by reading the LSR and then reading the RHR.
LSR[7] is set when there is an error anywhere in the RX FIFO, and is cleared only when
there are no more errors remaining in the FIFO.
Table 20.
Line Status Register bits description
Bit
Symbol
Description
7
LSR[7]
FIFO data error.
logic 0 = no error (normal default condition)
logic 1 = at least one parity error, framing error, or break indication is in
the receiver FIFO. This bit is cleared when no more errors are present
in the FIFO.
6
LSR[6]
THR and TSR empty. This bit is the Transmit Empty indicator.
logic 0 = transmitter hold and shift registers are not empty
logic 1 = transmitter hold and shift registers are empty
5
LSR[5]
THR empty. This bit is the Transmit Holding Register Empty indicator.
logic 0 = Transmit Hold Register is not empty.
logic 1 = Transmit Hold Register is empty. The host can now load up to
64 characters of data into the THR if the TX FIFO is enabled.
4
LSR[4]
Break interrupt.
logic 0 = no break condition (normal default condition).
logic 1 = a break condition occurred and associated character is 0x00
(RX was LOW for one character time frame)
3
LSR[3]
Framing error.
logic 0 = no framing error in data being read from RX FIFO (normal
default condition)
logic 1 = framing error occurred in data being read from RX FIFO
(received data did not have a valid stop bit)
2
LSR[2]
Parity error.
logic 0 = no parity error (normal default condition)
logic 1 = parity error in data being read from RX FIFO
1
LSR[1]
Overrun error.
logic 0 = no overrun error (normal default condition)
logic 1 = overrun error has occurred
0
LSR[0]
Data in receiver.
logic 0 = no data in receive FIFO (normal default condition)
logic 1 = at least one character in the RX FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com