Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16IS752IPW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC16IS752IPW
Description  Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS752IPW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC16IS752IPW Datasheet HTML 3Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 4Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 5Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 6Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 7Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 8Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 9Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 10Page - NXP Semiconductors SC16IS752IPW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
SC16IS752_SC16IS762_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 19 May 2008
7 of 59
NXP Semiconductors
SC16IS752/SC16IS762
Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
[1]
Selectable with IOControl register bit 2.
[2]
Selectable with IOControl register bit 1.
[3]
See Section 7.4 “Hardware Reset, Power-On Reset (POR) and Software Reset”.
[4]
HVQFN32 package die supply ground is connected to both VSS pins and exposed center pad. VSS pins must be connected to supply
ground for proper device operation. For enhanced thermal, electrical, and board level performance, the exposed pad needs to be
soldered to the board using a corresponding thermal pad on the board and for proper heat conduction through the board, thermal vias
need to be incorporated in the PCB in the thermal pad region.
[5]
XTAL2 should be left open when XTAL1 is driven by an external clock.
RESET
5
2
I
Hardware reset (active LOW)[3]
RTSA
1
30
O
UART request to send (active LOW), channel A. A logic 0 on the RTSA
pin indicates the transmitter has data ready and waiting to send. Writing
a logic 1 in the Modem Control Register MCR[1] will set this pin to a
logic 0, indicating data is available. After a reset this pin is set to a logic 1.
This pin only affects the transmit and receive operations when Auto-RTS
function is enabled via the Enhanced Features Register (EFR[6]) for
hardware flow control operation.
RTSB
17
16
O
UART request to send (active LOW), channel B. A logic 0 on the RTSB
pin indicates the transmitter has data ready and waiting to send. Writing
a logic 1 in the Modem Control Register MCR[1] will set this pin to a
logic 0, indicating data is available. After a reset this pin is set to a logic 1.
This pin only affects the transmit and receive operations when Auto-RTS
function is enabled via the Enhanced Features Register (EFR[6]) for
hardware flow control operation.
RXA
4
1
I
Channel A receiver input. During the local Loopback mode, the RXA
input pin is disabled and TXA data is connected to the UART RXA input
internally.
RXB
24
23
I
Channel B receiver input. During the local Loopback mode, the RXB
input pin is disabled and TXB data is connected to the UART RXB input
internally.
TXA
3
32
O
Channel A transmitter output. During the local Loopback mode, the TXA
output pin is disabled and TXA data is internally connected to the UART
RXA input.
TXB
23
22
O
Channel B transmitter output. During the local Loopback mode, the TXB
output pin is disabled and TXB data is internally connected to the UART
RXB input.
VDD
8
5, 13, 28
-
Power supply
VSS
22
12, 21,
29[4]
-
Ground
VSS
-
center
pad[4]
-
The center pad on the back side of the HVQFN32 package is metallic
and should be connected to ground on the printed-circuit board.
XTAL1
6
3
I
Crystal input or external clock input. A crystal can be connected between
XTAL1 and XTAL2 to form an internal oscillator circuit (see Figure 11).
Alternatively, an external clock can be connected to this pin.
XTAL2
7
4
O
Crystal output. (See also XTAL1.) XTAL2 is used as a crystal oscillator
output[5].
Table 2.
Pin description …continued
Symbol
Pin
Type
Description
TSSOP28
HVQFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com