Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
MPR121
Sensors
22
Freescale Semiconductor
AN3890: MPR121 Capacitance Sensing — Filtering and
Timing
INTRODUCTION
The capacitance sensing front end of the MPR121 produces data at extremely high rates, which significantly improves the
capabilities of a filtering system. The capacitance engine described in AN3889 act on a 1
μs - 32 μs per sample data rate. THis
application note will discuss the first and second level filters in the MPR121 and how they impact timing and power consumption.
Figure 18. Data Flow in the MPR121
The first level filter is configured through the use of the First Filter Iterations (FFI) and the Charge Discharge Time (CDT).
AFE CONFIGURATION REGISTER
The AFE Configuration Register is used to set both the CDC and the number of samples taken in the lowest level filter. The
address of the AFE Configuration Register is 0x5C.
Figure 19. AFE Configuration Register
7
6
543210
R
FFI
CDC
W
Reset:
0
0
000000
= Unimplemented
AFE AQUISITION
RAW
DATA
2nd
FILTER
1st
FILTER
BASELINE
FILTER
STATUS REGISTER
IRQ
TOUCH
1 - 32
μs
1 - 128
μs
4 - 2048
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com