Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPR121_10 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
MPR121
Sensors
3
Freescale Semiconductor
SCHEMATIC DRAWINGS AND IMPLEMENTATION
Figure 1. Configuration 1: MPR121 runs from a 1.71 V to 2.75 V supply.
Figure 2. Configuration 2: MPR121 runs from a 2.5 V to 3.6 V supply.
Capacitance Sensing
The MPR121 uses a constant current touch sensor system with two primary types of control. It can measure capacitances
ranging from 10 pF to 2000 pF by varying the current and the amount of time supplied to each electrode. The electrodes are
controlled independently allowing for a great deal of flexibility in electrode pattern design. To make setup of the device easier, an
automatic configuration system can be used to set the ideal capacitance of each electrode. For information on how to set up this
system refer to application note AN3889.
Once capacitance is calculated, it runs through a couple of levels of digital filtering allowing for good noise immunity in different
environments without sacrificing response time or power consumption. The MPR121 can be configured for sample rates between
1 ms and 128 ms. For information on how to set up this system refer to application note AN3890.
20
6
5
1
2
3
4
7
19
18
17
16
15
14
13
12
11
10
9
8
VDD
VDD
ELE11/LED7
GND
0.1
μF
GND
1.71 V to 2.75 V
VDD
1.71 V to 2.75 V
VSS
VREG
IRQ
SCL
SDA
ADDR
REXT
ELE10/LED6
ELE9/LED5
ELE8/LED4
ELE7/LED3
ELE6/LED2
ELE5/LED1
ELE4/LED0
ELE3
ELE2
ELE1
ELE0
MPR121Q
TOUCH SENSOR
75 k
Ω 1%
20
6
5
1
2
3
4
7
19
18
17
16
15
14
13
12
11
10
9
8
VDD
VDD
ELE11/LED7
GND
0.1
μF
75 k
Ω 1%
2.5 V to 3.6 V
VDD
2.5 V to 3.6 V
VSS
VREG
IRQ
SCL
SDA
ADDR
REXT
ELE10/LED6
ELE9/LED5
ELE8/LED4
ELE7/LED3
ELE6/LED2
ELE5/LED1
ELE4/LED0
ELE3
ELE2
ELE1
ELE0
MPR121Q
TOUCH SENSOR
GND
GND
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com