Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
49
MESSAGE FORMAT FOR WRITING THE MPR121
A write to the MPR121 comprises the transmission of the MPR121’s keyscan slave address with the R/W bit set to 0, followed
by at least one byte of information. The first byte of information is the command byte. The command byte determines which
register of the MPR121 is to be written by the next byte, if received. If a STOP condition is detected after the command byte is
received, the MPR121 takes no further action (Figure 53) beyond storing the command byte. Any bytes received after the
command byte are data bytes.
Figure 53. Command Byte Received
Any bytes received after the command byte are data bytes. The first data byte goes into the internal register of the MPR121
selected by the command byte (Figure 54).
Figure 54. Command and Single Data Byte Received
If multiple data bytes are transmitted before a STOP condition is detected, these bytes are generally stored in subsequent
MPR121 internal registers because the command byte address generally auto-increments.
MESSAGE FORMAT FOR READING THE MPR121
MPR121 is read using MPR121's internally stored register address as address pointer, the same way the stored register address
is used as address pointer for a write. The pointer generally auto-increments after each data byte is read using the same rules
as for a write. Thus, a read is initiated by first configuring MPR121's register address by performing a write (Figure 53) followed
by a repeated start. The master can now read 'n' consecutive bytes from MPR121, with first data byte being read from the register
addressed by the initialized register address.
Figure 55. Reading MPR121
OPERATION WITH MULTIPLE MASTER
The application should use repeated starts to address the MPR121 to avoid bus confusion between I2C masters.On a I2C bus,
once a master issues a start/repeated start condition, that master owns the bus until a stop condition occurs. If a master that does
not own the bus attempts to take control of that bus, then improper addressing may occur. An address may always be rewritten
to fix this problem. Follow I2C protocol for multiple master configurations.
SAA
P
0
SLAVE ADDRESS
COMMAND BYTE
Acknowledge from MPR121
R/W
Acknowledge from MPR121
D15
D14
D13
D12
D11
D10
D9
D8
Commandbyte is storedonreceipt of STOP condition
SA
AA
P
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
Acknowledge from MPR121
R/W
1byte
Auto-increment memory
word address
D15 D14 D13 D12 D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
How command byte and data byte
map into MPR121's registers
Acknowledge from
MPR121
Acknowledge from
MPR121
SA
A
P
1
SLAVE ADDRESS
DATA BYTE
R/W
nbytes
auto-increment memory
word address
D1
D0
D3
D2
D5
D4
D7
D6
Acknowledge from MPR121
Acknowledge from master
SA
A
0
Acknowledge from MPR121
R/W
Acknowledge from MPR121
D15 D14 D13 D12 D11 D10 D9
D8
Command byte is stored on receipt of STOP condition
SLAVE ADDRESS
COMMAND BYTE
Repeated Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com