Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPR121_10 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
MPR121
Rev 2, 04/2010
Freescale Semiconductor
Technical Data
An Energy Efficient Solution by Freescale
© Freescale Semiconductor, Inc., 2009, 2010. All rights reserved.
This document contains a product under development. Freescale Semiconductor reserves the right to change or
discontinue this product without notice.
Advanced Information
Proximity Capacitive Touch
Sensor Controller
MPR121 OVERVIEW
The MPR121 is the second generation sensor controller after the initial
release of the MPR03x series devices. The MPR121 will feature
increased internal intelligence in addition to Freescale’s second
generation capacitance detection engine. Some of the major additions
include an increased electrode count, a hardware configurable I2C
address, an expanded filtering system with debounce, and completely
independent electrodes with auto-configuration built in. The device also
features a 13th simulated electrode that represents the simultaneous
charging of all the electrodes connected together to allow for increased
proximity detection in a touch panel or touch screen array.
Features
•
1.71 V to 3.6 V operation
•
29
μA supply current at 16 ms sample period
•3
μA shutdown current
•
12 electrodes
•
Continuous independent auto-calibration for each electrode input
•
Separate touch and release trip thresholds for each electrode,
providing hysteresis and electrode independence
•I2C interface, with IRQ output to advise electrode status changes
•
3 mm x 3 mm x 0.65 mm 20 lead QFN package
•
LED driver functionality with 8 shared LEDs
•
-40°C to +85°C operating temperature range
Implementations
•
Switch Replacements
•
Touch Pads
Typical Applications
•
PC Peripherals
•
MP3 Players
•
Remote Controls
•
Mobile Phones
•
Lighting Controls
ORDERING INFORMATION
Device Name
Temperature Range
Case Number
Touch Pads
IRC Address
Shipping
MPR121QR2
-40
°C to +85°C
2059 (20-Pin QFN)
12-pads
0x5A - 0x5D
Tape & Reel
MPR121
Capacitive Touch
Sensor Controller
Top View
Pin Connections
Bottom View
20-PIN QFN
CASE 2059-01
1
2
3
5
67
8
9
10
12
11
13
14
15
16
17
18
19
20
4
13
ELE4
ELE3
ELE6
ELE7
ELE5
ADDR
VREG
SCL
IRQ
SDA


Similar Part No. - MPR121_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR121QR2 FREESCALE-MPR121QR2 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
logo
Multicomp Pro
MPR121WF100MT4E MULTICOMP-MPR121WF100MT4E Datasheet
413Kb / 4P
Metal Strip Resistor Low Ohmic
17/07/23 V1.0
MPR121WF200MT4E MULTICOMP-MPR121WF200MT4E Datasheet
413Kb / 4P
Metal Strip Resistor Low Ohmic
17/07/23 V1.0
MPR121WF300NT4E MULTICOMP-MPR121WF300NT4E Datasheet
413Kb / 4P
Metal Strip Resistor Low Ohmic
17/07/23 V1.0
More results

Similar Description - MPR121_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
Microchip Technology
MTCH112 MICROCHIP-MTCH112_12 Datasheet
1Mb / 48P
Dual-Channel Proximity/Touch Controller
2012 11/27/12
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com