Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
9
DC CHARACTERISTICS
This section includes information about power supply requirements and I/O pin characteristics.
AC CHARACTERISTICS
Table 4. DC Characteristics
(Typical Operating Circuit,
VDD and VREG = 1.8 V, TA = 25°C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
High Supply Voltage
VDD
2.0
3.3
3.6
V
Low Supply Voltage
VREG
1.71
1.8
2.75
V
Average Supply Current
IDD
Run1 Mode @ 1 ms sample period
393
μA
Average Supply Current
IDD
Run1 Mode @ 2 ms sample period
199
μA
Average Supply Current
IDD
Run1 Mode @ 4 ms sample period
102
μA
Average Supply Current
IDD
Run1 Mode @ 8 ms sample period
54
μA
Average Supply Current
IDD
Run1 Mode @ 16 ms sample period
29
μA
Average Supply Current
IDD
Run1 Mode @ 32 ms sample period
17
μA
Average Supply Current
IDD
Run1 Mode @ 64 ms sample period
11
μA
Average Supply Current
IDD
Run1 Mode @ 128 ms sample period
8
μA
Measurement Supply Current
IDD
Peak of measurement duty cycle
1
mA
Idle Supply Current
IDD
Stop Mode
3
μA
Input Leakage Current ELE_
IIH, IIL
0.025
μA
Input Capacitance ELE_
15
pF
Input High Voltage SDA, SCL
VIH
0.7 x VDD
V
Input Low Voltage SDA, SCL
VIL
0.3 x VDD
V
Input Leakage Current
SDA, SCL
IIH, IIL
0.025
1
μA
Input Capacitance
SDA, SCL
7pF
Output Low Voltage
SDA, IRQ
VOL
IOL = 6mA
0.5V
V
Output High Voltage
ELE4 - ELE11 (GPIO mode)
VOHGPIO
VDD = 2.7 V to 3.6 V: IOHGPIO = -10 mA
VDD = 2.3 V to 2.7 V: IOHGPIO = -6 mA
VDD = 1.8 V to 2.3 V: IOHGPIO = -3 mA
VDD - 0.5
V
Output Low Voltage
ELE4 - ELE11 (GPIO mode)
VOLGPIO
IOLGPIOD = 1 mA
0.5
V
Power On Reset
VTLH
VDD rising
1.08
1.35
1.62
V
VTHL
VDD falling
0.88
1.15
1.42
V
Table 5. AC CHARACTERISTICS
(Typical Operating Circuit, VDD and VREG = 1.8 V, TA = 25°C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
8 MHz Internal Oscillator
fH
7.44
8
8.56
MHz
1 kHz Internal Oscillator
fL
0.65
1
1.35
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com