Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
MPR121
Sensors
44
Freescale Semiconductor
Figure 47. Configuration 2: MPR121 runs from a 2.5 V to 3.6 V supply.
These registers control GPIO function. D7~D0 bits corresponds GPIO7~GPIO0 pins respectively. The GPIO control registers
can write always regardless Shutdown and Run mode.
EN[7:0], DIR[7:0], CTL0[7:0], CTL1[7:0]: Configuration Register
The number of touch sensing electrodes (and therefore the number of GPIO ports available) is configured by the Electrode
Configuration register (0x5E) and GPIO Enable Register (0x77), but electrode configuration has higher priority than GPIO fea-
ture. When a pin is enabled as GPIO but is also selected as electrode by Electrode Configuration Register, the GPIO function is
disabled immediately and it becomes an electrode during Run mode. But all 8 ports automatically become GPIO ports in Shut-
down mode because none of the ports are being enabled as touch electrodes in Shutdown mode.
During the shutdown mode just after power on reset, all 8 GPIO ports are in high impedance as all the GPIO ports are default
disabled. Take care to program unused ports which are not going to be used as either touch electrodes or GPIO to avoid floating
inputs or outputs shorted to a rail. One approach is to enable unused ports to be GPIO inputs with internal pull-up or pull-down.
Table 44. GPIO Control Registers
Name
Address
D7
D6
D5
D4
D3
D2
D1
D0
GPIO Control 0
0x73
CTL0[7]
CTL0[6]
CTL0[5]
CTL0[4]
CTL0[3]
CTL0[2]
CTL0[1]
CTL0[0]
GPIO Control 1
0x74
CTL1[7]
CTL1[6]
CTL1[5]
CTL1[4]
CTL1[3]
CTL1[2]
CTL1[1]
CTL1[0]
GPIO Data
0x75
DAT[7]
DAT[6]
DAT[5]
DAT[4]
DAT[3]
DAT[2]
DAT[1]
DAT[0]
GPIO Direction
0x76
DIR[7]
DIR[6]
DIR[5]
DIR[4]
DIR[3]
DIR[2]
DIR[1]
DIR[0]
GPIO Enable
0x77
EN[7]
EN[6]
EN[5]
EN[4]
EN[3]
EN[2]
EN[1]
EN[0]
GPIO Data Set
0x78
SET[7]
SET[6]
SET[5]
SET[4]
SET[3]
SET[2]
SET[1]
SET[0]
GPIO Data Clear
0x79
CLR[7]
CLR[6]
CLR[5]
CLR[4]
CLR[3]
CLR[2]
CLR[1]
CLR[0]
GPIO Data Toggle
0x7A
TOG[7]
TOG[6]
TOG[5]
TOG[4]
TOG[3]
TOG[2]
TOG[1]
TOG[0]
20
6
5
1
2
3
4
7
19
18
17
16
15
14
13
12
11
10
9
8
VDD
VDD
ELE11/LED7
GND
0.1
μF
75 k
Ω 1%
2.5 V to 3.6 V
VDD
2.5 V to 3.6 V
VSS
VREG
IRQ
SCL
SDA
ADDR
REXT
ELE10/LED6
ELE9/LED5
ELE8/LED4
ELE7/LED3
ELE6/LED2
ELE5/LED1
ELE4/LED0
ELE3
ELE2
ELE1
ELE0
MPR121Q
TOUCH SENSOR
GND
GND
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com