Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
7
ELE3 Electrode Current
CDC3
0x62
0x00
Register
Address + 1
ELE4 Electrode Current
CDC4
0x63
0x00
ELE5 Electrode Current
CDC5
0x64
0x00
ELE6 Electrode Current
CDC6
0x65
0x00
ELE7 Electrode Current
CDC7
0x66
0x00
ELE8 Electrode Current
CDC8
0x67
0x00
ELE9 Electrode Current
CDC9
0x68
0x00
ELE10 Electrode Current
CDC10
0x69
0x00
ELE11 Electrode Current
CDC11
0x6A
0x00
ELEPROX Electrode Current
CDCPROX
0x6B
0x00
ELE0, ELE1 Charge Time
CDT1
CDT0
0x6C
0x00
ELE2, ELE3 Charge Time
CDT3
CDT2
0x6D
0x00
ELE4, ELE5 Charge Time
CDT5
CDT4
0x6E
0x00
ELE6, ELE7 Charge Time
CDT7
CDT6
0x6F
0x00
ELE8, ELE9 Charge Time
CDT9
CDT8
0x70
0x00
ELE10, ELE11 Charge Time
CDT11
CDT10
0x71
0x00
ELEPROX Charge Time
CDTPROX
0x72
0x00
GPIO Control Register 0
CTL011
CTL010
CTL09
CTL08
CTL07
CTL06
CTL05
CTL04
0x73
0x00
GPIO Control Register 1
CTL111
CTL110
CTL19
CTL18
CTL17
CTL16
CTL15
CTL14
0x74
0x00
GPIO Data Register
DAT11
DAT10
DAT9
DAT8
DAT7
DAT6
DAT5
DAT4
30x75
0x00
GPIO Direction Register
DIR11
DIR10
DIR9
DIR8
DIR7
DIR6
DIR5
DIR4
0x76
0x00
GPIO Enable Register
EN11
EN10
EN9
EN8
EN7
EN6
EN5
EN4
0x77
0x00
GPIO Data Set Register
SET11
SET10
SET9
SET8
SET7
SET6
SET5
SET4
0x78
0x00
GPIO Data Clear Register
CLR11
CLR10
CLR9
CLR8
7CLR7
CLR6
CLR5
CLR4
0x79
0x00
GPIO Data Toggle Register
TOG11
TOG10
TOG9
TOG8
TOG7
TOG6
TOG5
TOG4
0x7A
0x00
AUTO-CONFIG Control Register 0
AFES
RETRY
BVA
ARE
ACE
0x7B
0x00
AUTO-CONFIG Control Register 1
SCTS
OORIE
ARFIE
ACFIE
0x7C
0x00
AUTO-CONFIG USL Register
USL
0x7D
0x00
AUTO-CONFIG LSL Register
LSL
0x7E
0x00
AUTO-CONFIG Target Level Register
TL
0x7F
0x00
0x00
Table 1. Register Map
REGISTER
Fields
Register
Address
Initial
Value
Auto
Increment
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com