Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
33
AN3892: MPR121 Jitter and False Touch Detection
INTRODUCTION
Touch acquisition takes a few different parts of the system in order to detect touch. The baseline filter and touch detection are
tightly coupled. The purpose of the touch detection block is to use the baseline value and the 2nd level filter data to determine
when a user has touched an electrode. The electrodes are independently configured using the Touch Threshold and Release
Threshold registers. The global Debounce register also controls when a touch is detected by adding some minimal delay. The
data is then output through a couple of registers: Filtered Data High, Filtered Data Low, Baseline Data and two touch output reg-
isters.
Figure 37. Data Flow in the MPR121
First, the MPR121 touch sensor detects touch by the methods in this application note, and the data is output through the first
two registers in the map. The two touch status registers both trigger an interrupt on any change of the data. Thus, as a touch
happens (bit is set) an interrupt will be triggered, and when a touch is released (bit is cleared) it will also trigger. To clear the
interrupt all you must do is initiate a I2C communication, with the intent that you read register 0x00 and 0x01 to determine which
electrodes are touched.
AFE AQUISITION
RAW
DATA
2nd
FILTER
1st
FILTER
BASELINE
FILTER
STATUS REGISTER
IRQ
TOUCH
1 - 32
μs
1 - 128
μs
4 - 2048
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com