Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0K Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT45B0K Datasheet HTML 1Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 2Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Rev 1.00
March 22, 2010
5
HT45B0K
SPI to USB Bridge
Functional Description
The MCU communicates with the USB Module via an internal SPI interface. The SPI interface
on this device is comprised of four signals:
(SPI Chip Select), SCK (SPI Clock), SDI (Serial
Data Input) and SDO (Serial Data Output). The SPI master, which is the MCU, asserts
by
pulling it low to start the data transaction cycle. When the first 8 bits of data are transmitted,
should not return to a high level. Instead,
must remain at a low level until the whole 16-bit
data transaction is completed. If
is de-asserted, that is returned to a high level, before the 16-
bit data transaction is completed, all data bits will be discarded by the USB Module SPI slave.
SPI Interface
Both read and write operations are conducted along the SPI common interface with the following
format:
● Write Type Format: 8-bit command input + 8-bit data input
● Read Type Format: 8-bit command input + 8-bit data output
To initiate a data transaction, the MCU master SPI needs to pull
to a low level first and then
also pull SCK low. The input data bit on SDI should be stable before the next SCK rising edge,
as the device will latch the SDI status on the next SCK rising edge. Regarding the SDO line, the
output data bit will be updated on the SCK falling edge. The master needs to obtain the line status
before the next SCK falling edge.
There are 16 bits of data transmitted and/or received by the SPI interface for each transaction. Each
transaction consists of a command phase and a data phase. When
is high, the SPI interface is
disabled and SDO will be set to a high impedance state.
After a complete transaction has been implemented, which requires 16 SCK clock cycles, the
master needs to set
to a high level in preparation for the next data transaction.
For write operations, the device will begin to execute the command only after it receives a 16-bit
serial data sequence and when the
has been set high again by the master.
For read operations, the device will begin to execute the command only after it receives an 8-bit
read command after which it will be ready to output data. If necessary, the master can de-assert
the
pin to abort the transaction at any time which will cause any data transactions to be
abandoned.
SPI Timing
There are 2 types of commands:
● Read Register
● Write Register
Commands and Registers
Command Type
Bit.7
Bit.6
Bit.5
Bit.4
Bit.3
Bit.2
Bit.1
Bit.0
Read Register
0
X
X
A4
A3
A2
A1
A0
Write Register
1
X
X
A4
A3
A2
A1
A0
There are 17 registers available to control the USB module which are addressed by 5 address bits
A4~ A0 of Read /Write Register commands.
Command/Address Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com