Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0K Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT45B0K Datasheet HTML 1Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 2Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev 1.00
March 22, 2010
1
HT45B0K
SPI to USB Bridge
Features
●
Glueless slave SPI interface to Holtek's MCU
●
USB (Universal Serial Bus) 1.1 Full-speed module
− 6 endpoints (endpoint 0 included)
− FIFO: 8, 8, 8, 64, 8, 64 for EP0~EP5 respectively
● Operating voltage: VDD = 3.3V~5.5V
● 6MHz/12MHz (CLKI) external clock input for USB PLL clock
● Suspend Mode with low suspend current
● Remote Wake-up function
● USB Multiple Interrupt Generation Sources:
♦ Access of the corresponding USB FIFO from the USB host
♦ USB suspend signal from the USB host
♦ USB resume signal from the USB host
♦ USB Reset signal from the USB host
● CMOS external clock input, CLKI, with frequency 6MHz/12MHz for the USB PLL clock
● 16-pin NSOP package
General Description
This device is a companion chip for microcontrollers to provide USB connectivity with the USB
host. Six USB endpoints are supported with 8/8/8/64/8/64-byte FIFO for endpoint 0~5 respectively.
An external interrupt output to the host MCU is used for inetrrupt-driven operation.
However, the host MCU may also poll the status register to obtain the latest status if the interrupt is
not used.
The possible applications include low-cost data links for computers/peripherals, portable and
battery operated devices/instruments, factory automation and process control.
Block Diagram
S D I
S D O
S C K
S C S
C L K I
I N T
V D D
G N D
V 3 3 O
U D P
U D N
4 8 M H z
U S B
M o d u l e
S e r i a l
I / O
I n t e r f a c e
T o a l l
c h i p
p o w e r
P L L
V D D


Similar Part No. - HT45B0K

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45B0K HOLTEK-HT45B0K_12 Datasheet
3Mb / 24P
SPI to USB Bridge
September 24, 2012
More results

Similar Description - HT45B0K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
USB TO USB BRIDGE CONTROLLER
logo
Holtek Semiconductor In...
HT45B0F HOLTEK-HT45B0F Datasheet
165Kb / 23P
SPI-to-UART Bridge
June 7, 2011
logo
List of Unclassifed Man...
CP2130-F01-GM ETC2-CP2130-F01-GM Datasheet
364Kb / 27P
SINGLE-CHIP USB-TO-SPI BRIDGE
logo
Silicon Laboratories
CP2130 SILABS-CP2130 Datasheet
364Kb / 27P
SINGLE-CHIP USB-TO-SPI BRIDGE
logo
Holtek Semiconductor In...
HT42B533-1 HOLTEK-HT42B533-1 Datasheet
1Mb / 18P
USB to SPI Bridge IC
January 05, 2017
HT45B0F HOLTEK-HT45B0F_12 Datasheet
163Kb / 23P
SPI-to-UART Bridge
September 24, 2012
HT45B0K HOLTEK-HT45B0K_12 Datasheet
3Mb / 24P
SPI to USB Bridge
September 24, 2012
HT42B533-X HOLTEK-HT42B533-X Datasheet
1Mb / 18P
USB to SPI Bridge IC
January 05, 2017
logo
Prolific Technology Inc...
PL23D3 PROLIFIC-PL23D3 Datasheet
118Kb / 1P
USB HID to SPI Bridge Controller
logo
NXP Semiconductors
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
I2C-bus to SPI bridge
Rev.1.0-15 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com