Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0K Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 12Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 13Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 14Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 15Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 16Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 17Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 18Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 19Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Rev 1.00
March 22, 2010
16
HT45B0K
SPI to USB Bridge
PIPE Register
The PIPE register is used to control that the FIFO pipe for each endpoint is enabled or disable. The
endpoint access interrupt can be controlled independently by configuring the UIC register if the
corresponding Endpoint FIFO pipe is enabled.
PIPE Register
Bit
7
6
5
4
3
2
1
0
Name
SUSPC
―
EP5E
EP4E
EP3E
EP2E
EP1E
―
R/W
R/W
―
R/W
R/W
R/W
R/W
R/W
―
POR
0
―
00
00
0
―
Bit 7
SUSPC: USB PHY control in suspend mode
0: the USB PHY is enabled.
1: the USB PHY is disabled.
If the USB enters the suspend mode, user can set SUSPC bit to 1 to disable the USB
PHY for low power consumption. When the USB receives the resume signal from the
USB host, the SUSPC bit should be set to 0 to make sure that the USB PHY can work
normally.
Bit 6
Unimplemented, read as “0”.
Bit 5~1
EP5E~EP1E: USB Endpoint 5 ~ Endpoint 0 FIFO pipe enable control.
0: the corresponding Endpoint FIFO Pipe is disabled.
1: the corresponding Endpoint FIFO Pipe is enabled.
If the corresponding Endpoint FIFO pipe is disabled, the read/write operations to the
related Endpoint FIFO Pipe are not available. If the corresponding Endpoint FIFO
Pipe and the interrupt are both enabled, the related USB Endpoint interrupt will be
generated as the interrupt trigger events occur. Otherwise, if the Endpoint FIFO Pipe
or the Endpoint interrupt is disabled, the corresponding Endpoint interrupt will not be
generated.
Bit 0
Unimplemented, read as “0”.
SWRST register
The SWRST register controls the software reset operation of the device. The only one available
bit named RESET in the SWRST register is the device software reset control bit. When this bit is
equal to “0”, the device operates normally. If this bit is equal to “1”, the whole device will be reset
act just like power-on reset. When this situation occurs, all of the device registers and the circuitry
relevant to SPI interface and USB Module will be reset. The registers in this device including the
status registers and control registers will keep the POR states shown in the above USB registers
summary table after the reset condition occurs.
SWRST Register
Bit
7
6
5
4
3
2
1
0
Name
―
―
――
――
―
RESET
R/W
―
―
――
――
―
R/W
POR
―
―
――
――
―
0
Bit 7~1
Unimplemented, read as “0”.
Bit 0
RESET: device software reset
0: no action
1: device reset occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com