Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0K Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 10Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 11Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 12Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 13Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 14Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 15Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 16Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 17Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Rev 1.00
March 22, 2010
14
HT45B0K
SPI to USB Bridge
0: the data transfer from the endpoint FIFO to the MCU
(MCU read data from the endpoint FIFO).
1: the data transfer from the MCU to the endpoint FIFO
(MCU write data to the endpoint FIFO).
This bit defines the direction of data transfer between the MCU and the endpoint FIFO.
When the TX bit is set to high, this means that the MCU desires to write data to the
endpoint FIFO. After the MCU write operation has been complete, this bit has to be
cleared to zero before terminating FIFO request to indicate the end of data transfer. For
a MCU read operation, this bit has to be cleared to zero to show that the MCU desires
to read data from the endpoint FIFO and has to be set to high before terminating FIFO
request to indicate the end of data transfer after the completion of MCU read operation.
Bit 0
REQUEST: FIFO request control
0: no operation.
1: Request the desired FIFO.
This bit is used to request the operation of the desired FIFO. After selecting the desired
endpoint, the FIFO can be requested by setting this bit to high. After completion, this bit
has to be cleared to zero.
The MCU can communicate with the endpoint FIFO by setting the corresponding registers, whose
addresses are listed in the following table. After reading the current data, the next data will show
after 2μs, used to check the endpoint FIFO status and responds to the MISC register, if a read/write
action is still being implemented.
Some timing constrains are listed here. By setting the MISC register, the MCU can perform
reading, writing and clearing actions. There are some examples shown in the following for the
endpoint FIFO reading, writing and clearing.
Read or Write FIFOn Table (n=0~5)
Actions
MISC Setting Flow and Status
Check whether FIFOn can be read or not
00H → 01H → delay 2μs, check 41H (ready) or 01H (not
ready) → 00H.
Check whether FIFOn can be written or not
02H → 03H → delay 2μs, check 43H (ready) or 03H (not
ready) → 02H.
Read FIFOn sequence
00H → 01H → delay 2μs, check 41H → read* from
FIFOn register and check not ready (01H) → 03H →
02H.
Write FIFOn sequence
02H → 03H → delay 2μs, check 43H → write* to FIFOn
register and check not ready (03H) → 01H → 00H.
Read 0-sized packet sequence from FIFO0
00H → 01H → delay 2μs, check 81H → clear LEN0 (01H)
→ 03H → 02H.
Write 0-sized packet sequence to FIFOn
02H → 03H → delay 2μs → 01H → 00H.
Note *: There are 2μs existing between 2 reading actions or between 2 writing actions.
R E Q U E S T
R E A D Y
T X
R e a d F I F O T i m i n g
R E Q U E S T
R E A D Y
T X
W r i t e F I F O T i m i n g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com