Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0K Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 10Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 11Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 12Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 13Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 14Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 15Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 16Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Rev 1.00
March 22, 2010
13
HT45B0K
SPI to USB Bridge
1: Error has occurred during endpoint 0 FIFO is accessed.
The ERR bit is used to indicate that there are some errors occurred during
endpoint 0 FIFO is accessed. This bit is set by SIE and should be cleared by
firmware.
Bit 0
ASET: Device Address update control
0: device address is updated immediately when the AWR register is written.
1: device address is updated after the device IN token data has been read
(SETUP stage finished).
The ASET bit is used to configure the SIE to automatically update the device
address with the value stored in the AWR register. When this bit is set to 1
by firmware, the SIE will update the device address with the value stored
in the AWR register after the USB host has successfully read the data from
the device by IN token. Otherwise, when this bit is cleared to 0, the SIE will
update the device address immediately after an address is written to the AWR
register.
MISC Register
The MISC register contains the commands to control the desired endpoint FIFO action along with
the status to show the condition of the desired endpoint FIFO. The MISC register will be cleared by
a USB reset signal.
MISC Register
Bit
7
6
5
4
3
2
1
0
Name
LEN0
READY
SETCMD
――
CLEAR
TX
REQUEST
R/W
R/W
R
R/W
――
R/W
R/W
R/W
POR
0
x
1
――
00
0
“x” means unknown.
Bit 7
LEN0: zero-length packet indication flag for Endpoint 0
0: no operation.
1: a zero-length packet is sent from the USB host.
If this bit is set to 1, it indicates that a 0-sized packet is sent from a USB host. This bit
should be cleared by the application program or by the next valid SETUP token.
Bit 6
READY: Endpoint FIFO Ready indication flag
0: the desired endpoint FIFO is not ready.
1: the desired endpoint FIFO is ready.
This bit is used to indicate whether the desired endpoint FIFO is ready to operate or not.
Bit 5
SETCMD: SETUP command indication flag
0: the data in the endpoint 0 FIFO is not SETUP token.
1: the data in the endpoint 0 FIFO is SETUP token.
This bit is used to indicate whether the data in the Endpoint 0 FIFO is SETUP token or
not. It is set by hardware and cleared by firmware.
Bit 4~3
Unimplemented, read as “0”.
Bit 2
CLEAR: clear requested FIFO
0: no operation.
1: clear the requested endpoint FIFO.
This bit is used by MCU to clear the requested FIFO, even if the FIFO is not ready. If
user wants to clear the current requested Endpoint FIFO, the CLEAR bit should be set to
1 to generate a positive pulse with 2μs pulse width and then clear this bit to zero.
Bit 1
TX: Direction of data transfer between the MCU and the endpoint FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com