Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0K Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT45B0K Datasheet HTML 1Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 2Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Rev 1.00
March 22, 2010
2
HT45B0K
SPI to USB Bridge
Pin Assignment
S D I
N C
S C K
S C S
C L K I
I N T
V S S
N C
H T 4 5 B 0 K
1 6 N S O P - A
S D O
N C
V 3 3 O
U D P
U D N
V D D
V D D
V S S
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
Pin Description
Pin Name
I/O
Descriptions
SDI
I
Serial I/O data input
SDI is high impedance when
= HIGH
SDO
O
Serial I/O data output.
SDO is high impedance when
= HIGH
SCK
I
Serial I/O clock input
SCK is high impedance when
= HIGH
I
Serial I/O Chip select input, low active
Connected to internal pull-high resistor.
CLKI
I
External clock input
O
Interrupt output - CMOS output structure
Connected to the external interrupt input of MCU
A USB related interrupt will generate a low pulse signal on this line
V33O
─
3.3V regulator output
UDP
I/O
USBD+ line
USB function is controlled by software control register.
UDN
I/O
USBD- line
USB function is controlled by software control register.
VDD
─
Positive power supply
VSS
─
Negative power supply, ground
NC
─
No connection
Absolute Maximum Ratings
Supply Voltage....................................................................................................VSS−0.3V to VSS+6.0V
Input Voltage.......................................................................................................VSS−0.3V to VDD+0.3V
Storage Temperature.................................................................................................−50°C to +150°C
Operating Temperature.................................................................................................−40°C to +85°C
IOH Total.....................................................................................................................................−10mA
IOL Total.......................................................................................................................................15mA
Total Power Dissipation..............................................................................................................10mW
These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum
Ratings” may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
Note :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com