Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0K Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45B0K Datasheet HTML 1Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 2Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rev 1.00
March 22, 2010
3
HT45B0K
SPI to USB Bridge
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
―
fCLKI=6MHz or 12MHz
3.3
―
5.5
V
IDD
Operating Current
(SPI Enabled, USB Transceiver
and 3.3V Regulator On)
3.3V
fCLKI=6MHz, SCK= fCLKI/4
―
4.0
6.0
mA
5.0V
―
6.5
10
mA
3.3V
fCLKI=12MHz, SCK= fCLKI/4
―
4.0
7.0
mA
5.0V
―
7.0
10
mA
ISUS
Suspend Current
(SPI Enabled, USB Suspend and
3.3V Regulator On)
―
Output no load,
SUSP2=1 (bit 4 in UCC)
―
400
500
μA
ISTB
Standby Current
(SPI Disabled, USB Disabled
and 3.3V Regulator Off)
―
Output no load
―
0.1
1
μA
VIL1
Input Low Voltage for I/O pins
――
0
―
0.3×VDD
V
VIH1
Input High Voltage for I/O pins
――
0.7×VDD
―
VDD
V
VIL2
Input Low Voltage for CLKI
――
0
―
0.3×VDD
V
VIH2
Input High Voltage for CLKI
――
0.7×VDD
―
VDD
V
IOL
I/O pins Sink Current
3.3V
VO=0.1×VDD
4.0
12
―
mA
5.0V
10
25
―
mA
IOH
I/O pins Source Current
3.3V
VO=0.9×VDD
-4.0
-5.0
―
mA
5.0V
-5.0
-10
―
mA
RPH
Pull-high Resistance for
only
3.3V
―
15
45
75
kΩ
5V
10
30
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com