Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B0K Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT45B0K Datasheet HTML 1Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 2Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Rev 1.00
March 22, 2010
4
HT45B0K
SPI to USB Bridge
A.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
RPOR
VDD Slew Rate for POR
――
0.0034
――
V/ms
fCLKI
System Clock
(External Clock Input)
3.3V~
5.0V
―
―
6
―
MHz
―
12
―
MHz
tCP
SCK Period (tCH + CL)
3.3V
―
62.5
――
ns
5.0V
―
50.0
――
ns
tCH
SCK High Time
3.3V
―
28
――
ns
5.0V
―
22
――
ns
tCL
SCK Low Time
3.3V
―
28
――
ns
5.0V
―
22
――
ns
tCSW
High Pulse Width
3.3V
―
500
――
ns
5.0V
―
400
――
ns
tCSS
to SCK Setup Time
――
100
――
ns
tCSH
to SCK Hold Time
――
0
――
ns
tSDS
SDI to SCK Setup Time
――
100
――
ns
tSDH
SDI to SCK Hold Time
――
0
――
ns
tR
SPI Output Rise Time
――
―
10
―
ns
tF
SPI Output Fall Time
――
―
10
―
ns
tW
SPI Data Output Delay Time
――
0
――
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com