Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M75R Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82M75R Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VBAT
BAT_IN Operating Voltage
¾¾
1.8
2.2
3.3
V
IDD
Operating Current (Crystal OSC)
3V
No load, fSYS= 6MHz
¾
36
mA
ISTB
Standby Current
¾
No load, system HALT
WDT disable, LVR disable
¾¾
20
mA
VIL1
Input Low Voltage for I/O
(Schmitt Trigger)
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O
(Schmitt Trigger)
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.3VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
IOL1
Other I/O Pins Sink Current
3V
VOL=0.1VDD
4
¾¾
mA
IOH1
Other I/O Pins Source Current
3V
VOH=0.9VDD
-2.5
-4.5
¾
mA
RPH1
Other Pins Internal Pull-high
Resistance
3V
¾
10
30
50
k
W
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
3V
¾
5.7
6
6.3
MHz
tRCSYS
Watchdog OSC Period
3V
¾¾
71
¾ms
tWDT1
Watchdog Time-out Period with
6-stage Prescaler
3V
WDTS=1
¾
4.57
¾
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer
¾¾
¾
512
¾
1/fSYS
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
tWake-up
MCU Wake-up Timer
¾¾
¾
¾
1ms
tconfigure
Watchdog Time-out Period
¾¾
¾
1024
¾
tRCSYS
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.10
5
June 11, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com