Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M75R Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT82M75R Datasheet HTML 27Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 28Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 29Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 30Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 31Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 32Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 33Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 34Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.10
31
June 11, 2010
SPI Serial Interface
The device includes one SPI Serial Interfaces. The SPI
interface is a full duplex serial data link, originally de-
signed by Motorola, which allows multiple devices con-
nected to the same SPI bus to communicate with each
other. The devices communicate using a master/slave
technique where only the single master device can initi-
ate a data transfer. A simple four line signal bus is used
for all communication.
SPI Interface Communication
Four lines are used for each function. These are, SDI -
Serial Data Input, SDO - Serial Data Output, SCK - Se-
rial Clock and SCS - Slave Select. Note that the condi-
tion of the Slave Select line is conditioned by the CSEN
bit in the SBCR control register. If the CSEN bit is high
then the SCS line is active while if the bit is low then the
SCS line will be I/O mode. The accompanying timing di-
agram depicts the basic timing protocol of the SPI bus.
SPI Registers
There are three registers for control of the SPI Interface.
These are the SBCR register which is the control regis-
ter and the SBDR which is the data register and SPIR
register which is the SPI mode control register. The
SBCR register is used to setup the required setup pa-
rameters for the SPI bus and also used to store associ-
ated operating flags, while the SBDR register is used for
data storage.
The SPIR register is used to select SPI mode, clock po-
larity edge selection and SPI enable or disable selec-
tion.
After Power on, the contents of the SBDR register will
be in an unknown condition while the SBCR register will
default to the condition below:
CKS
M1
M0
SBEN
MLS
CSEN WCOL
TRF
0
1
1
00000
Note that data written to the SBDR register will only be
written to the TXRX buffer, whereas data read from the
SBDR register will actual be read from the register.
SPI Bus Enable/Disable
To enable the bus, the SBEN bit should be set high,
then wait for data to be written to the SBDR (TXRX
buffer) register. For the Master Mode, after data has
been written to the SBDR (TXRX buffer) register then
transmission or reception will start automatically. When
all the data has been transferred, the TRF bit should be
set. For the Slave Mode, when clock pulses are re-
ceived on SCK, data in the TXRX buffer will be shifted
out or data on SDI will be shifted in.
To Disable the SPI bus SCK, SDI, SDO, SCS should be
I/O mode.
Bit No.
Label
R/W
Function
0
SPI_CPOL
R/W
0: clock polarity falling (default falling)
1: clock polarity rising
1
SPI_MODE
R/W
0: SPI output the data in the rising edge(polarity=1) or falling edge (polarity=0);
SPI read data in the in the falling edge(polarity=1) or rising edge (polarity=0);
(default)
1: SPI first output the data immediately after the SPI is enable. And SPI output
the data in the falling edge(polarity=1) or rising edge (polarity=0); SPI read data
in the in the rising edge(polarity=1) or falling edge (polarity=0)
2
SPI_CSEN
R/W
0: SPI_CSEN disable, SCS define as GPIO (default disable)
1: SPI_CSEN Enable , this bit is used to enable/disable software CSEN function
3
SPI_EN
R/W
This bit control the shared PIN (SCS, SDI, SDO and SCK) is SPI or GPIO mode
0: I/O mode (default)
1: SPI mode
7~4
Reserved bit
R/W
Always 0
SPIR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com