Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M75R Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT82M75R Datasheet HTML 15Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 16Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 21Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 22Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.10
19
June 11, 2010
registers control the full operation of the Timer/Event
Counter. Before the timer can be used, it is essential
that the TMRC register is fully programmed with the
right data to ensure its correct operation, a process that
is normally carried out during program initialisation.
To choose which of the three modes the timer is to oper-
ate in, the timer mode, the event counting mode or the
pulse width measurement mode, bits TM0 and TM1
must be set to the required logic levels. The timer-on bit
TON or bit 4 of the TMRC register provides the basic
on/off control of the timer, setting the bit high allows the
counter to run, clearing the bit stops the counter. If the
timer is in the event count or pulse width measurement
mode the active transition edge level type is selected by
the logic level of the TE or bit 3 of the TMRC register.
Configuring the Timer Mode
In this mode, the timer can be utilised to measure fixed
time intervals, providing an internal interrupt signal each
time the counter overflows. To operate in this mode, bits
TM1 and TM0 of the TMRC register must be set to 1 and
0 respectively. In this mode, the internal clock is used as
the timer clock. The timer-on bit, TON, must be set high
to enable the timer to run. Each time an internal clock
high to low transition occurs, the timer increments by
one. When the timer is full and overflows, the timer will
be reset to the value already loaded into the preload reg-
ister and continue counting. If the timer interrupt is en-
abled, an interrupt signal will also be generated. The
timer interrupt can be disabled by ensuring that the ETI
bit in the INTC register is cleared to zero.
T i m e r / E v e n t C o u n t e r C o n t r o l R e g i s t e r
b 7
T E
T O N
T M 0
T M 1
b 0
T o e n a b l e o r d i s a b l e t i m e r c o u n t i n g
1 : e n a b l e
0 : d i s a b l e
O p e r a t i n g m o d e s e l e c t
T M 1
0
0
1
1
T M 0
0
1
0
1
n o m o d e a v a i l a b l e
e v e n t c o u n t e r m o d e ( e x t e r n a l c l o c k )
t i m e r m o d e ( i n t e r n a l c l o c k )
p u l s e w i d t h m e a s u r e m e n t m o d e
T o d e f i n e t h e a c t i v e e d g e o f T M R p i n i n p u t s i g n a l
1 : a c t i v e o n h i g h t o l o w
0 : a c t i v e o n l o w t o h i g h
N o t i m p l e m e n t e d , r e a d a s " 0 "
N o t i m p l e m e n t e d , r e a d a s " 0 "
Timer/Event Counter Control Register
I n c r e m e n t
T i m e r C o u n t e r
f S Y S / 4
T i m e r + 1
T i m e r + 2
T i m e r + N
T i m e r + N + 1
Timer Mode Timing Chart
T E
T M R
1 6 - B i t
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w t o I n t e r r u p t
L o w B y t e
B u f f e r
H i g h B y t e
L o w B y t e
1 6 - B i t T i m e r / E v e n t C o u n t e r
T O N
T i m e r / E v e n t C o u n t e r
M o d e C o n t r o l
T M 1 T M 0
f S Y S / 4
16-bit Timer/Event Counter Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com