Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M75R Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT82M75R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 38Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 39Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 40Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 41Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 42Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 43Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Pin Assignment
EEPROM Memory Pin Description
Pin Name
Type
Description
VDDP
¾
External Positive power supply for EEPROM Memory
VSSP
¾
External Negative power supply for EEPROM Memory, ground
SDA
I/O
Internal Serial data input/output signal
Internal connected with MCU I/O line.
SCL
I
Serial clock input signal
Internal connected with MCU I/O line.
NC
¾
Implies that the pin is
²Not Connected² and can therefore not be used.
Note:
The pin descriptions for all external pins with the exception of the EEPROM VDDP and VSSP pins are
described in the preceding MCU section.
VDDP and VSSP should be externally connected to the MCU power supply named VDD and VSS respectively.
The SDA and SCL lines here are internal connected to the MCU I/O pins PC0 and PC1 respectively for these
devices.
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.10
40
June 11, 2010
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
H T 8 2 K 7 5 R E
4 8 S S O P - A
N C
V S S
R E S
P A 0
P A 1
P A 2 / T M R
P A 3
P A 4
P A 5
P A 6
P A 7
P D 0
P D 1
P D 2
P D 3
P D 4
P D 5
P D 6
P D 7
P B 0 / S C S
P C 7 / S C K
P C 6 / S D O
P C 5 / S D I
P C 4
V D D
N C
B A T _ I N
V S S L X
L X
P B 7
P B 6
P B 5
P B 4
P B 3
P B 2
P B 1
P E 0
P E 1
P E 2
P E 3
P E 4
P E 5
P E 6
P E 7
V S S P
V D D P
P C 2 / I N T
P C 3
H T 8 2 M 7 5 R E
3 2 Q F N - A
P B 7
P B 6
P B 5
P B 4
P B 3
P B 2
P B 1
P B 0 / S C S
R E S
L X
V S S L X
B A T _ I N
V D D
V S S
V S S P
N C
1
2
3
4
5
6
7
8
9 1 0 1 1 1 2 1 3 1 4 1 5 1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com