Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M75R Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT82M75R Datasheet HTML 23Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 24Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 25Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 26Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 27Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 28Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 29Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 30Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.10
27
June 11, 2010
Oscillator
The clock source for these devices is provided by an in-
tegrated oscillator requiring no external components.
This oscillator has one fixed frequencies of 6MHz.
Watchdog Timer Oscillator
The WDT oscillator is a fully self-contained free running
on-chip RC oscillator with a typical period of 71
msat3V
requiring no external components. When the device en-
ters the Power Down Mode, the system clock will stop
running but the WDT oscillator continues to free-run and
to keep the watchdog active. However, to preserve
power in certain applications the WDT oscillator can be
disabled via a configuration option.
Power Down Mode and Wake-up
Power Down Mode
All of the Holtek microcontrollers have the ability to enter
a Power Down Mode. When the device enters this
mode, the normal operating current, will be reduced to
an extremely low standby current level. This occurs be-
cause when the device enters the Power Down Mode,
the system oscillator is stopped which reduces the
power consumption to extremely low levels, however,
as the device maintains its present internal condition, it
can be woken up at a later stage and continue running,
without requiring a full reset. This feature is extremely
important in application areas where the microcontroller
must have its power supply constantly maintained to
keep the device in a known condition but where the
power supply capacity is limited such as in battery appli-
cations.
Entering the Power Down Mode
There is only one way for the device to enter the Power
Down Mode and that is to execute the
²HALT² instruc-
tion in the application program. When this instruction is
executed, the following will occur:
· The system oscillator will stop running and the appli-
cation program will stop at the
²HALT² instruction.
· The Data Memory contents and registers will maintain
their present condition.
· The WDT will be cleared and resume counting if the
WDT function is enabled.
· The I/O ports will maintain their present condition.
· In the status register, the Power Down flag, will be set
and the Watchdog time-out flag, TO, will be cleared.
Standby Current Considerations
As the main reason for entering the Power Down Mode
is to keep the current consumption of the microcontroller
to as low a value as possible, perhaps only in the order
of several micro-amps, there are other considerations
which must also be taken into account by the circuit de-
signer if the power consumption is to be minimised.
Special attention must be made to the I/O pins on the
device. All high-impedance input pins must be con-
nected to either a fixed high or low level as any floating
input pins could create internal oscillations and result in
increased current consumption. Care must also be
taken with the loads, which are connected to I/O pins,
which are setup as outputs. These should be placed in a
condition in which minimum current is drawn or con-
nected only to external circuits that do not draw current,
such as other CMOS inputs.
If the configuration option has enabled the Watchdog
Timer internal oscillator, then the Watchdog Timer will
continue to run when in the Power Down Mode and will
thus consume some power.
Wake-up
After the system enters the Power Down Mode, it can be
woken up from one of various sources listed as follows:
· An external reset
· An external falling or rising edge on any of the I/O pins
· A system interrupt
· A WDT overflow (if the contents of the PTR are zeros)
· A PTR overflow occurs (if the contents of the PTR are
not equal to zeros)
If the system is woken up by an external reset, the de-
vice will experience a full system reset, however, if the
device is woken up by a WDT overflow, a Watchdog
Timer reset will be initiated. Although both of these
wake-up methods will initiate a reset operation, the ac-
tual source of the wake-up can be determined by exam-
ining the TO and PDF flags. The PDF flag is cleared by a
system power-up or executing the clear Watchdog
Timer instructions and is set when executing the
²HALT²
instruction. The TO flag is set if a WDT time-out occurs,
and causes a wake-up that only resets the Program
Counter and Stack Pointer, the other flags remain in
their original status. Note that the WDT time-out will not
occur if the contents of the Period Timer Register (PTR)
are not equal to zeros.
Each pin on Port A or any nibble on other ports can be
setup via configuration options to permit a negative or
positive transition on the pin to wake-up the system.
When a port pin wake-up occurs, the program will re-
sume execution at the instruction following the
²HALT²
instruction.
If the system is woken up by an interrupt, then two possi-
ble situations may occur. The first is where the interrupt
is disabled or the interrupt is enabled but the stack is full,
in which case the program will resume execution at the
instruction following the
²HALT² instruction. In this situa-
tion, the interrupt will not be immediately serviced, but
will rather be serviced later when the related interrupt is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com