Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M75R Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82M75R Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
I/O Type 8-Bit OTP MCU
Rev. 1.10
1
June 11, 2010
General Description
The device is an 8-bit high performance, RISC architec-
ture microcontroller devices specifically designed for
multiple I/O, mouse/keyboard appliances and SPI con-
trol product applications. The advantages of low power
consumption, I/O flexibility, Timer functions, Watchdog
timer, Power Down, wake-up functions together with the
optional peripherals such as EEPROM Memory and RF
transceiver provide the devices with versatility for indus-
trial control, consumer products, subsystem controllers,
RF module control, etc.
Features
· Operating voltage:
fSYS= 6MHz: 1.8V~3.3V
· Internal 6MHz RC oscillator for fSYS
· Power down and wake-up functions to reduce
power consumption
· Two bit to define microcontroller system clock
(fSYS/1, fSYS/2, fSYS/4)
· All instructions executed in one or two machine
cycles
· Table read instructions
· 63 powerful instructions
· 6-level subroutine nesting
· Bit manipulation instruction
· Program Memory: 4K´15
· Data Memory: 128´8~160´8
· Watchdog Timer function
· Up to 40 bidirectional I/O lines with pull-high options
· All I/O pins have falling and rising edge wake-up
function
· Single 16-bit internal timer with overflow interrupt
and timer input
· SPI interface shared with I/O lines
· Low voltage reset function (LVR) for DC_DC output
controlled by configuration option
· Built-in DC/DC to provide stable 2.8V, 3.0V, 3.3V
with error
±5% selected by configuration options
· Low voltage detector (LVD) with levels
1.8V/2.0V/2.2V/2.5V/2.8V
±5% for battery input
(BAT_IN) selected by application program
· Wide range of available package types
· Optional Peripheral -- EEPROM Memory with
128
´8 capacity


Similar Part No. - HT82M75R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M75R HOLTEK-HT82M75R Datasheet
475Kb / 66P
I/O Type 8-Bit OTP MCU
HT82M75RE HOLTEK-HT82M75RE Datasheet
475Kb / 66P
I/O Type 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
2.4GHz Transceiver 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
I/O Type 8-Bit OTP MCU
More results

Similar Description - HT82M75R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
I/O Type 8-Bit OTP MCU
September 27, 2006
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
Enhanced I/O Type 8-Bit OTP MCU
June 9, 2009
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
I/O Type 8-Bit OTP MCU
September 15, 2009
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
Enhanced I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
Enhanced I/O Type 8-bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
Enhanced I/O Type 8-Bit OTP MCU
June 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com