Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M75R Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT82M75R Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Power-On Reset Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IPOR
Operating current
1.8V~
3.3V
¾¾
1.0
¾mA
RRVDD
VDD Rise Rate to Ensure
Power-on Reset
¾
Without 0.1
mF between
VDD and VSS
0.05
¾¾
V/ms
VPOR
Maximum VDD Start Voltage to
Ensure Power-on Reset
¾
Without 0.1
mF between
VDD and VSS ,Ta=25
°C
0.9
¾
1.5
V
tPOR
Power-on Reset Low Pulse
Width
¾
Without 0.1
mF between
VDD and VSS
2
¾¾
ms
With 0.1
mF between
VDD and VSS
10
¾¾
ms
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.10
6
June 11, 2010
T i m e
V D D
V P O R
R R V D D
t P O R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com