Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M75R Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82M75R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 13Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 14Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 15Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 16Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.10
13
June 11, 2010
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
B F H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 2 8 B y t e s )
4 0 H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
H T 8 2 M 7 5 R
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
: U n u s e d ,
r e a d a s " 0 0 "
D F H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 6 0 B y t e s )
I A R 0
M P 0
I A R 1
M P 1
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R H
T M R L
T M R C
P T R
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P E
P E C
C T L R
T B H P
S P I R
S B C R
S B D R
4 0 H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
H T 8 2 K 7 5 R
I A R 0
M P 0
I A R 1
M P 1
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R H
T M R L
T M R C
P T R
P A
P A C
P B
P B C
P C
P C C
C T L R
T B H P
S P I R
S B C R
S B D R
Special Purpose Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com