Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15059 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15059
Description  76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15059 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15059 Datasheet HTML 4Page - Maxim Integrated Products MAX15059 Datasheet HTML 5Page - Maxim Integrated Products MAX15059 Datasheet HTML 6Page - Maxim Integrated Products MAX15059 Datasheet HTML 7Page - Maxim Integrated Products MAX15059 Datasheet HTML 8Page - Maxim Integrated Products MAX15059 Datasheet HTML 9Page - Maxim Integrated Products MAX15059 Datasheet HTML 10Page - Maxim Integrated Products MAX15059 Datasheet HTML 11Page - Maxim Integrated Products MAX15059 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8 ______________________________________________________________________________________
76V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
Typical Operating Characteristics (continued)
(VIN = 3.3V, VOUT = 70V, TA = +25°C, unless otherwise noted.)
SHORT-CIRCUIT RESPONSE
MAX15059 toc26
2
µs/div
IMOUT
2mA/div
IILIM
5V/div
VAPD
50V/div
RLIM = 3.16kI
VOLTAGE DROP vs. APD CURRENT
IAPD (µA)
1000
100
10
1
0.5
1.0
1.5
2.0
2.5
3.0
0
0.1
10,000
TA = +85°C
TA = +25°C
TA = -40°C
401
402
403
404
405
406
407
408
409
410
400
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
-15
10
35
60
-40
85
SWITCHING FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
5.5
392
394
396
398
400
402
404
406
408
410
390
SWITCHING FREQUENCY AND
DUTY CYCLE vs. LOAD CURRENT
MAX15059 toc30
LOAD CURRENT (mA)
3.5
3.0
2.0 2.5
1.0 1.5
0.5
0
4.0
392
394
396
398
400
402
404
406
408
410
390
5
10
15
20
25
30
35
40
45
50
0
DUTY CYCLE
SWITCHING FREQUENCY
1.222
1.224
1.226
1.228
1.230
1.232
1.234
1.236
1.238
1.240
1.220
FB SET POINT vs. TEMPERATURE
TEMPERATURE (°C)
-15
10
35
60
-40
85
VIN = 3.3V
APD OUTPUT RIPPLE VOLTAGE
(0.1µF FROM APD TO GROUND, VBIAS = 70V, LAPD = 1mA)
MAX15059 toc32
1
µs/div
VAPD
AC-COUPLED, 70V
1mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com