Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15059 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15059
Description  76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15059 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15059 Datasheet HTML 1Page - Maxim Integrated Products MAX15059 Datasheet HTML 2Page - Maxim Integrated Products MAX15059 Datasheet HTML 3Page - Maxim Integrated Products MAX15059 Datasheet HTML 4Page - Maxim Integrated Products MAX15059 Datasheet HTML 5Page - Maxim Integrated Products MAX15059 Datasheet HTML 6Page - Maxim Integrated Products MAX15059 Datasheet HTML 7Page - Maxim Integrated Products MAX15059 Datasheet HTML 8Page - Maxim Integrated Products MAX15059 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
76V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
19-5132; Rev 1; 3/10
General Description
The MAX15059 constant-frequency pulse-width modu-
lating (PWM) step-up DC-DC converter features an
internal switch and a high-side current monitor with high-
speed adjustable current limiting. This device is capable
of generating output voltages up to 76V (300mW for
the MAX15059A and 200mW for the MAX15059B) and
provides current monitoring up to 4mA. The MAX15059
operates from 2.8V to 5.5V.
The constant-frequency (400kHz) current-mode PWM
architecture provides low-noise-output voltage that is
easy to filter. A high-voltage internal power MOSFET
allows this device to boost output voltages up to 76V.
Internal soft-start circuitry limits the input current when
the boost converter starts. The MAX15059 features a
shutdown mode to save power.
The MAX15059 includes a current monitor with more
than three decades of dynamic range and monitors
current ranging from 500nA to 4mA with high accuracy.
Resistor-adjustable current limiting protects the APD
from optical power transients. A clamp diode protects
the monitor’s output from overvoltage conditions. Other
protection features include cycle-by-cycle current limit-
ing of the boost converter switch, undervoltage lockout
(UVLO), and thermal shutdown if the die temperature
reaches +150NC.
The MAX15059 is available in a thermally enhanced,
lead-free, 16-pin TQFN-EP package and operates over
the -40NC to +85NC temperature range.
Applications
Avalanche Photodiode Biasing and Monitoring
PIN Diode Bias Supply
Low-Noise Varactor Diode Bias Supply
FBON Modules
GPON Modules
Features
S
Input Voltage Range: +2.8V to +5.5V
S
Wide Output-Voltage Range from (VIN + 5V) to 76V
S
Internal 1I (typ) 80V MOSFET
S
Boost Converter Output Power: 300mW
S
200mW Version Available for Smaller Inductor
S
Accurate Q5% (1:1 and 5:1) High-Side Current
Monitor
S
Resistor-Adjustable Ultra-Fast APD Current Limit
(1µs Response Time)
S
Open-Drain Current-Limit Indicator Flag
S
400kHz Fixed-Switching Frequency
S
Constant PWM Frequency Provides Easy Filtering
in Low-Noise Applications
S
Internal Soft-Start
S
2µA (max) Shutdown Current
S
-40NC to +85NC Temperature Range
S
Small, Thermally Enhanced, 3mm x 3mm, Lead-
Free, 16-Pin TQFN-EP Package
Note: All devices operate over the -40°C to +85°C temperature
range.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
Ordering Information
Typical Operating Circuit
EVALUATION
KIT
AVAILABLE
CNTRL
IN
SGND
LX
RLIM
RLIM
2.87kI
RMOUT
1kI
VIN = 2.8V
TO 5.5V
CIN
1µF
COUT
0.1µF
L1
4.7µH
VOUT
DAC
CLAMP
CMOUT
OPTIONAL
(10nF)
MOUT
ILIM
SHDN
VDD
GPIO
GPIO
FB
BIAS
PGND
R2
348kI
R1
6.34kI
RADJ
(76V MAX)
APD
ADC
D1
VDD
APD
µC
MAX15059
TIA
PART
MAXIMUM
POWER
(mW)
IAPD:
IMOUT
PIN-
PACKAGE
MAX15059AETE+
300
1:1
16 TQFN-EP*
MAX15059BETE+
200
5:1
16 TQFN-EP*


Similar Part No. - MAX15059

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15059A MAXIM-MAX15059A Datasheet
931Kb / 6P
Demonstrates Thermal-Shutdown Feature
Rev 0; 5/10
MAX15059B MAXIM-MAX15059B Datasheet
931Kb / 6P
Demonstrates Thermal-Shutdown Feature
Rev 0; 5/10
MAX15059EVKIT MAXIM-MAX15059EVKIT Datasheet
931Kb / 6P
Demonstrates Thermal-Shutdown Feature
Rev 0; 5/10
MAX15059EVKIT+ MAXIM-MAX15059EVKIT+ Datasheet
931Kb / 6P
Demonstrates Thermal-Shutdown Feature
Rev 0; 5/10
More results

Similar Description - MAX15059

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031 Datasheet
379Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/08
logo
Linear Technology
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
DS1842 MAXIM-DS1842_11 Datasheet
216Kb / 6P
76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
logo
Taiwan Memory Technolog...
I7990N TMT-I7990N Datasheet
26Kb / 1P
Boost Converter and Current Monitor for APD
logo
Linear Technology
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
Boost DC/DC Converter with APD Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com