Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15059 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15059
Description  76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15059 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15059 Datasheet HTML 1Page - Maxim Integrated Products MAX15059 Datasheet HTML 2Page - Maxim Integrated Products MAX15059 Datasheet HTML 3Page - Maxim Integrated Products MAX15059 Datasheet HTML 4Page - Maxim Integrated Products MAX15059 Datasheet HTML 5Page - Maxim Integrated Products MAX15059 Datasheet HTML 6Page - Maxim Integrated Products MAX15059 Datasheet HTML 7Page - Maxim Integrated Products MAX15059 Datasheet HTML 8Page - Maxim Integrated Products MAX15059 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2 ______________________________________________________________________________________
76V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, FB, ILIM, RLIM, CNTRL to SGND..........-0.3V to +6V
LX to PGND...........................................................-0.3V to +80V
BIAS to SGND ......................................................-0.3V to +79V
APD, CLAMP to SGND........................... -0.3V to (VBIAS + 0.3V)
PGND to SGND....................................................-0.3V to +0.3V
MOUT to SGND.................................. -0.3V to (VCLAMP + 0.3V)
Continuous Power Dissipation (TA = +70NC)
16-Pin TQFN-EP (derate 20.8mW/NC
above +70NC) .........................................................1666.7mW
Junction-to-Case Thermal Resistance (BJC) (Note 1)
16-Pin TQFN-EP ......................................................... +7NC/W
Junction-to-Ambient Thermal Resistance (BJA) (Note 1)
16-Pin TQFN-EP ....................................................... +48NC/W
Operating Temperature Range.......................... -40NC to +85NC
Maximum Junction Temperature.....................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VIN = VSHDN = VCNTRL = 3.3V, CIN = 1FF, VPGND = VSGND = 0V, VBIAS = 40V, LX = APD = CLAMP = ILIM = unconnected, VMOUT
=
VRLIM = 0V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY
Supply Voltage Range
VIN
2.8
5.5
V
Supply Current
ISUPPLY
VFB = 1.4V, no switching
1
1.2
mA
Undervoltage-Lockout Threshold
VUVLO
VIN rising
2.475
2.6
2.775
V
Undervoltage-Lockout Hysteresis VUVLO_HYS
200
mV
Shutdown Current
ISHDN
VSHDN = 0V
2
F
A
Shutdown BIAS Current
IBIAS_SHDN VBIAS = 3.3V, VSHDN = 0V
20
F
A
BOOST CONVERTER
Output-Voltage Adjustment
Range
VIN + 5
76
V
Switching Frequency
fSW
VIN = 5V
380
400
420
kHz
Maximum Duty Cycle
DCLK
VIN = 2.8V
88
90
92
%
FB Set-Point Voltage
VFB_SET
1.2054
1.23
1.2546
V
FB Input-Bias Current
IFB
VFB = VFB_SET, TA = +25NC
500
nA
Internal Switch On-Resistance
RON
ILX = 100mA, VIN = 2.8V
1
2
I
Peak Switch Current Limit
ILIM_LX
MAX15059A
1.1
1.2
1.3
A
MAX15059B
0.825
0.9
0.975
Peak Current-Limit Response
100
ns
LX Leakage Current
VLX = 76V, TA = +25NC
1
F
A
Line Regulation
2.8V P VIN P 5.5V, ILOAD = 4.5mA
0.2
%
Load Regulation
0 P ILOAD P 4.5mA
1
%
Soft-Start Duration
8
ms
Soft-Start Steps
32
Steps
CONTROL INPUT (CNTRL)
Maximum Control Input Voltage
Range
FB set point is controlled to VCNTRL
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com