Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15059 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15059
Description  76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15059 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15059 Datasheet HTML 1Page - Maxim Integrated Products MAX15059 Datasheet HTML 2Page - Maxim Integrated Products MAX15059 Datasheet HTML 3Page - Maxim Integrated Products MAX15059 Datasheet HTML 4Page - Maxim Integrated Products MAX15059 Datasheet HTML 5Page - Maxim Integrated Products MAX15059 Datasheet HTML 6Page - Maxim Integrated Products MAX15059 Datasheet HTML 7Page - Maxim Integrated Products MAX15059 Datasheet HTML 8Page - Maxim Integrated Products MAX15059 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 ______________________________________________________________________________________
76V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
Typical Operating Characteristics
(VIN = 3.3V, VOUT = 70V, TA = +25°C, unless otherwise noted.)
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
3.5
3.0
2.0 2.5
1.0 1.5
0.5
10
20
30
40
50
60
70
80
90
100
0
0
4.0
VOUT = 30V
VOUT = 70V
VOUT = 50V
VIN = 3.3V
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
3.5
3.0
2.0 2.5
1.0 1.5
0.5
10
20
30
40
50
60
70
80
90
100
0
0
4.0
VOUT = 30V
VOUT = 70V
VOUT = 50V
VIN = 5V
MINIMUM STARTUP VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
3.5
3.0
2.0 2.5
1.0 1.5
0.5
2.56
2.57
2.58
2.59
2.60
2.61
2.62
2.63
2.64
2.65
2.55
0
4.0
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
SUPPLY VOLTAGE (V)
5.0
4.5
3.5 4.0
1.0 1.5 2.0 2.5 3.0
0.5
0
5.5
TA = +85°C
VFB = 1.4V
TA = -40°C
TA = +25°C
NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
5
10
15
20
25
30
35
40
45
50
0
2.5
5.5
TA = -40°C
TA = +25°C
TA = +85°C
EXITING SHUTDOWN
MAX15059 toc06
SHDN
2V/div
INDUCTOR
CURRENT
500mA/div
VOUT
50V/div
1ms/div
ENTERING SHUTDOWN
MAX15059 toc07
SHDN
2V/div
INDUCTOR
CURRENT
500mA/div
VOUT
50V/div
4ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com